Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6602 Datasheet (PDF) - ATMEL Corporation

ATA6602 Datasheet PDF - ATMEL Corporation
Part # ATA6602
Download  ATA6602 Download
File Size   4691.62 Kbytes
Page   362 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Microcontroller with LIN Transceiver, 5V Regulator and Watchdog

ATA6602 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6602 Datasheet PDF - ATMEL Corporation

Part # ATA6602
Download  ATA6602 Click to download

File Size   4691.62 Kbytes
Page   362 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Microcontroller with LIN Transceiver, 5V Regulator and Watchdog

ATA6602 Datasheet (HTML) - ATMEL Corporation


ATA6602 Product details

Description
ATA6602/ATA6603 is a single-package dual-chip circuit family for LIN-bus slave node applications. It supports highly integrated solutions for in-vehicle LIN networks. The LIN-system-basis-chip (LIN-SBC) consists of a LIN transceiver, voltage regulator and window watchdog. The second chip is a microcontroller out of Atmel®s series of AVR 8-bit microcontrollers with advanced RISC architecture.

General Features
• Single-package Fully-integrated AVR® 8-bit Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
• Very Low Current Consumption in Sleep Mode
• 8 Kbytes/16 Kbytes Flash Memory for Application Program (ATA6602/ATA6603)
• Supply Voltage Up to 40V
• Operating Voltage: 5V to 18V
• Temperature Range: Tcase –40°C to +125°C
• QFN48, 7 mm × 7 mm Package




Similar Part No. - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Similar Description - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com