Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM430X Datasheet (PDF) - Broadcom Corporation.

BCM430X Datasheet PDF - Broadcom Corporation.
Part # BCM430X
Download  BCM430X Download
File Size   129.7 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description SENTRY 5 PRODUCT LINE: BCM5364/BCM5364P SECURED SWITCH PROCESSORS

BCM430X Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM430X Datasheet PDF - Broadcom Corporation.

Part # BCM430X
Download  BCM430X Click to download

File Size   129.7 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description SENTRY 5 PRODUCT LINE: BCM5364/BCM5364P SECURED SWITCH PROCESSORS

BCM430X Datasheet (HTML) - Broadcom Corporation.


BCM430X Product details

OVERVIEW
Broadcoms BCM5364 and BCM5364P, two System-On-Chips, are the most highly integrated access switch processor there are. The BCM5364/BCM5364P also features an on-chip, five-port 10/100 Ethernet switch with management features. This switch processor also offers extensive processor and interface integration featuring an integrated 200-MHz MIPS32™ core, UART, flash and SDRAM/ DDRAM interfaces. The BCM5364P also supports a PCI interface. Both the devices support IPSec encryption and authentication in a single pass.

FEATURES
• The most highly integrated access security processors
• 5-port 10/100 Ethernet switch with integrated PHY (TX/FX)
   • IEEE 802.1Q (VLAN) support; IEEE 802.1P (4 Priority Queues
      - CoS, QoS), DiffServ, ToS support; IEEE 802.1D (Spanning Tree) support
   • 802.1X protocols, IP multicast, IGMP snooping for video streaming applications, broadcast suppression, and hosting of multiple subnets
   • 128-KB on-chip packet buffer
• General purpose 200-MHz MIPS32™ Processor·
   • 8 KB of instruction cache, 4 KB of data cache
• Supports Linux®, VxWorks® operating systems
• BCM5364P supports PCI 2.2, 32-bit/33-MHz host/slave interface
   • Supports four additional PCI devices in host mode
• Extensive interface flexibility
   • Interface to flash memory (up to 32 MB)
   • Interface to SDRAM/DDRAM (up to 512 MB, 100 MHz)
   • GPIO, USB, UART interface
• JTAG/EJTAG support
• 400-pin PBGA package
• Low power, 1.8V core, 3.3V I/O operation
• Linux Open Source application software support
   • Third-party software support




Similar Part No. - BCM430X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM430X BOARDCOM-BCM430X Datasheet
131Kb / 2P
SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
More results


Similar Description - BCM430X

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
IXP42X INTEL-IXP42X Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Intel Corporation
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
Product Line of Network Processors
logo
AVX Corporation
AA105C104K4R AVX-AA105C104K4R Datasheet
43Kb / 3P
SpinGuard Product Line
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
SpinGuard Product Line
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
Product Line
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
Intel IXP43X Product Line of Network Processors
logo
Advantech Co., Ltd.
ESRP-AWS-UNO ADVANTECH-ESRP-AWS-UNO Datasheet
794Kb / 2P
Secured Edge Analyzer
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com