Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA015 Datasheet (PDF) - C&D Technologies

NCA015 Datasheet PDF - C&D Technologies
Part # NCA015
Download  NCA015 Download
File Size   316.49 Kbytes
Page   22 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Non-Isolated 15A SIP/SMT DC/DC Converters

NCA015 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCA015 Datasheet PDF - C&D Technologies

Part # NCA015
Download  NCA015 Click to download

File Size   316.49 Kbytes
Page   22 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Non-Isolated 15A SIP/SMT DC/DC Converters

NCA015 Datasheet (HTML) - C&D Technologies




Similar Part No. - NCA015

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA0151330B0-XC MURATA-PS-NCA0151330B0-XC Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
NCA0151330B0C MURATA-PS-NCA0151330B0C Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA0151330B0C MURATA-NCA0151330B0C Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
More results


Similar Description - NCA015

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
Non-Isolated 20A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com