Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM5248 Datasheet (PDF) - Broadcom Corporation.

BCM5248 Datasheet PDF - Broadcom Corporation.
Part # BCM5248
Download  BCM5248 Download
File Size   86.22 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description STRATAXGS BCM5665 INTEGRATED MULTI-LAYER SWITCH

BCM5248 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM5248 Datasheet PDF - Broadcom Corporation.

Part # BCM5248
Download  BCM5248 Click to download

File Size   86.22 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description STRATAXGS BCM5665 INTEGRATED MULTI-LAYER SWITCH

BCM5248 Datasheet (HTML) - Broadcom Corporation.


BCM5248 Product details

High-Density and Line Rate Performance
The BCM5665 network switch is the most advanced multi-layer scalable, single-chip solution for high density 48 x 10/100 Mbps ports and 4 x 10/100/1000 Mbps Ethernet uplinks at aggregate line rate of 28 Mpps performance.

Ultra-Scalability
An integrated 10 Gbps XAUI HiGig port allows the BCM5665 to scale with other StrataXGS family switches. Multiple units can be networked for stackable or modular switch configuration in a system providing up to providing up to hundreds of Fast Ethernet, Gigabit Ethernet and 10 Gigabit Ethernet ports. The 10 Gbps HiGig Expansion port supports all key switch features, such as explicit priority, port trunking, mirroring and VC label swap functions, transparently across switch elements.

FEATURES
• 48 10/100-Mbit ports, four 10/100/1000-Mbps Ethernet ports, and one HiGig (10-Gbps) port
• 28-Mpps (line rate) aggregate L2/L3 switching capacity
• Integrated L2 table with auto-learning/aging
• Integrated L3 table with longest prefix match
• Double 802.1Q (Q in Q) VLAN stacking
• MPLS Tunnel/VC packet labeling for L2 VPN
• Scalable to hundreds Fast/Gigabit Ethernet in a system
• Eight Classes of Service (COS) with WRED and WRR, DSCP/ 802.1p priority
• Spanning trees (802.1s and 802.1w)
• 32-link aggregation trunk groups; ECMP/WCMP; mirroring
• IPMC groups and hardware packet replication
• Flow control (802.3x) and HOL blocking prevention
• 128-bit DDR SDRAM interface with up to 64 MB of buffer memory
• ContentAware™ network processing per port
   • Line rate multi-field packet classification
   • Support for 802.1p, TOS/DiffServ, rate limiting, policing, priority/VLAN (single or double) tagging and remapping

APPLICATIONS
• 10/100/1000-Mbps L2/L3 Ethernet switches
• Multi-Tenant Unit (MTU) Metro Ethernet VPN multi-layer switches
• Service provider Metro Ethernet VPN edge switches




Similar Part No. - BCM5248

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5248 BOARDCOM-BCM5248 Datasheet
206Kb / 2P
StrataXGS TM INTEGRATED MULTI-LAYER SWITCH
BCM5248 BOARDCOM-BCM5248 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5248 BOARDCOM-BCM5248 Datasheet
213Kb / 2P
10/100BASE-TX OCTAL-過 TRANSCEIVER
BCM5248 BOARDCOM-BCM5248 Datasheet
211Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5248U BOARDCOM-BCM5248U Datasheet
427Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
More results


Similar Description - BCM5248

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
102Kb / 1P
INTEGRATED MULTI LAYER SWITCH
BCM5655 BOARDCOM-BCM5655 Datasheet
120Kb / 2P
STRATAXGS-TM BCM5655 INTEGRATED MULTI-LAYER SWITCH
BCM5645 BOARDCOM-BCM5645 Datasheet
104Kb / 2P
STRATASWITCH II??BCM5645 INTEGRATED MULTI-LAYER SWITCH
BCM5651 BOARDCOM-BCM5651 Datasheet
206Kb / 2P
StrataXGS TM INTEGRATED MULTI-LAYER SWITCH
BCM5650 BOARDCOM-BCM5650 Datasheet
206Kb / 2P
STRATAXGS BCM5650 INTEGRATED MULTI-LAYER SWITCH
BCM5646 BOARDCOM-BCM5646_03 Datasheet
107Kb / 2P
STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
logo
Abracon Corporation
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com