Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA8535L Datasheet (PDF) - ATMEL Corporation

ATMEGA8535L Datasheet PDF - ATMEL Corporation
Part # ATMEGA8535L
Download  ATMEGA8535L Download
File Size   2588.69 Kbytes
Page   321 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontrolle with 8K Bytes In-System Programmable Flash

ATMEGA8535L Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA8535L Datasheet PDF - ATMEL Corporation

Part # ATMEGA8535L
Download  ATMEGA8535L Click to download

File Size   2588.69 Kbytes
Page   321 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontrolle with 8K Bytes In-System Programmable Flash

ATMEGA8535L Datasheet (HTML) - ATMEL Corporation


ATMEGA8535L Product details

Overview
The ATmega8535 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the ATmega8535 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 130 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 16 MIPS Throughput at 16 MHz
   – On-chip 2-cycle Multiplier
• Nonvolatile Program and Data Memories
   – 8K Bytes of In-System Self-Programmable Flash
      Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
      In-System Programming by On-chip Boot Program
      True Read-While-Write Operation
   – 512 Bytes EEPROM
      Endurance: 100,000 Write/Erase Cycles
   – 512 Bytes Internal SRAM
   – Programming Lock for Software Security
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
   – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
      Mode
   – Real Time Counter with Separate Oscillator
   – Four PWM Channels
   – 8-channel, 10-bit ADC
      8 Single-ended Channels
      7 Differential Channels for TQFP Package Only
      2 Differential Channels with Programmable Gain at 1x, 10x, or 200x for TQFP
      Package Only
   – Byte-oriented Two-wire Serial Interface
   – Programmable Serial USART
   – Master/Slave SPI Serial Interface
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – External and Internal Interrupt Sources
   – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby
      and Extended Standby
• I/O and Packages
   – 32 Programmable I/O Lines
   – 40-pin PDIP, 44-lead TQFP, 44-lead PLCC, and 44-pad QFN/MLF
• Operating Voltages
   – 2.7 - 5.5V for ATmega8535L
   – 4.5 - 5.5V for ATmega8535
• Speed Grades
   – 0 - 8 MHz for ATmega8535L
   – 0 - 16 MHz for ATmega8535




Similar Part No. - ATMEGA8535L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
2Mb / 321P
Nonvolatile Program and Data Memories
ATMEGA8535L-8AC ATMEL-ATMEGA8535L-8AC Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AI ATMEL-ATMEGA8535L-8AI Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AU ATMEL-ATMEGA8535L-8AU Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA8535L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
263Kb / 23P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_08 Datasheet
4Mb / 308P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_09 Datasheet
485Kb / 19P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_1 Datasheet
6Mb / 307P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_10 Datasheet
520Kb / 25P
8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com