Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA1280 Datasheet (PDF) - ATMEL Corporation

ATMEGA1280 Datasheet PDF - ATMEL Corporation
Part # ATMEGA1280
Download  ATMEGA1280 Download
File Size   4029.54 Kbytes
Page   449 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash

ATMEGA1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA1280 Datasheet PDF - ATMEL Corporation

Part # ATMEGA1280
Download  ATMEGA1280 Click to download

File Size   4029.54 Kbytes
Page   449 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash

ATMEGA1280 Datasheet (HTML) - ATMEL Corporation


ATMEGA1280 Product details

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 135 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-Chip 2-cycle Multiplier
• Non-volatile Program and Data Memories
– 64K/128K/256K Bytes of In-System Self-Programmable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 4K Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 8K Bytes Internal SRAM
– Up to 64K Bytes Optional External Memory Space
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– Four 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode
– Real Time Counter with Separate Oscillator
– Four 8-bit PWM Channels
– Six/Twelve PWM Channels with Programmable Resolution from 2 to 16 Bits
(ATmega1281/2561, ATmega640/1280/2560)
– Output Compare Modulator
– 8/16-channel, 10-bit ADC (ATmega1281/2561, ATmega640/1280/2560)
– Two/Four Programmable Serial USART (ATmega1281/2561,ATmega640/1280/2560)
– Master/Slave SPI Serial Interface
– Byte Oriented 2-wire Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
• I/O and Packages
– 54/86 Programmable I/O Lines (ATmega1281/2561, ATmega640/1280/2560)
– 64-pad QFN/MLF, 64-lead TQFP (ATmega1281/2561)
– 100-lead TQFP, 100-ball CBGA (ATmega640/1280/2560)
– RoHS/Fully Green
• Temperature Range:
– -40°C to 85°C Industrial
• Ultra-Low Power Consumption
– Active Mode: 1 MHz, 1.8V: 510 µA
– Power-down Mode: 0.1 µA at 1.8V
• Speed Grade (see “Maximum speed vs. VCC” on page 377):
– ATmega640V/ATmega1280V/ATmega1281V:
0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V
– ATmega2560V/ATmega2561V:
0 - 2 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V
– ATmega640/ATmega1280/ATmega1281:
0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V
– ATmega2560/ATmega2561:
0 - 16 MHz @ 4.5 - 5.5V




Similar Part No. - ATMEGA1280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1280 ATMEL-ATMEGA1280 Datasheet
2Mb / 407P
8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
2549A-AVR-03/05
ATMEGA1280 ATMEL-ATMEGA1280 Datasheet
465Kb / 35P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA1280 ATMEL-ATMEGA1280 Datasheet
1Mb / 38P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA1280 ATMEL-ATMEGA1280 Datasheet
1Mb / 40P
8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA1280 ATMEL-ATMEGA1280 Datasheet
352Kb / 2P
DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
More results


Similar Description - ATMEGA1280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com