Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIS5101 Datasheet (PDF) - ON Semiconductor

NIS5101 Datasheet PDF - ON Semiconductor
Part # NIS5101
Download  NIS5101 Download
File Size   122.02 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMART HotPlug IC/Inrush Limiter/Circuit Breaker

NIS5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
NIS5101 Datasheet PDF - ON Semiconductor

Part # NIS5101
Download  NIS5101 Click to download

File Size   122.02 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMART HotPlug IC/Inrush Limiter/Circuit Breaker

NIS5101 Datasheet (HTML) - ON Semiconductor


NIS5101 Product details

SMART HotPlug IC/Inrush Limiter/Circuit Breaker

The SMART HotPlug Integrated Circuit combines the control function and power FET into a single IC that saves design time and reduces the number of components required for a complete hot swap application. It is designed to allow safe insertion and removal of electronic equipment to −48 V backplanes. This chip features simplicity of use combined with an integrated solution.
The SMART HotPlug includes user selectable undervoltage and overvoltage lockout levels. It also has adjustable current limiting that can be reduced from the maximum level with a single resistor. Operation at the maximum current level requires no extra external components. An internal temperature shutdown circuit greatly increases the reliability of this device.

Features
• Integrated Power Device
• 100 V Operation
• Thermal Limit Protection
• Adjustable Current Limit
• No External Current Shunt Required
• Undervoltage and Overvoltage Lockouts
• 6.5 A Continuous Operation
• UIS Rated
• Main/Mirror MOSFET Current Ratio 820:1
• Pb−Free Packages are Available

Typical Applications
• VoIP (Voice over Internet Protocol) Servers
• −48 V Telecom Systems
• +24 V Wireless Base Station Power
• Central Office Switching
• Electronic Circuit Breaker




Similar Part No. - NIS5101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1 ONSEMI-NIS5102QP1HT1 Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1G ONSEMI-NIS5102QP1HT1G Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1 ONSEMI-NIS5102QP2HT1 Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1G ONSEMI-NIS5102QP2HT1G Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
More results


Similar Description - NIS5101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
Supertex, Inc
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com