Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS-220AB Datasheet (PDF) - Delta Electronics, Inc.

DPS-220AB Datasheet PDF - Delta Electronics, Inc.
Part # DPS-220AB
Download  DPS-220AB Download
File Size   141.75 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Application: Desktop PC

DPS-220AB Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS-220AB Datasheet PDF - Delta Electronics, Inc.

Part # DPS-220AB
Download  DPS-220AB Click to download

File Size   141.75 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Application: Desktop PC

DPS-220AB Datasheet (HTML) - Delta Electronics, Inc.


DPS-220AB Product details

FEATURES
• Application: Desktop PC
• 80mm fan
• Comply with Intel TFX12V 1.1
• Remote On/Off
• Low acoustics noise
• High reliability
• Fan speed control
• Short circuit protection
• Over voltage protection
• Over current protection
• Passive PFC @ 220Vac to meet EN61000-3-2 (optional)




Similar Part No. - DPS-220AB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-2000CBA DELTA-DPS-2000CBA Datasheet
260Kb / 11P
550-2000W 1U Front End AC-DC Power Supply
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
DPS-230GB-1 DELTA-DPS-230GB-1 Datasheet
149Kb / 1P
Application: Desktop PC
DPS-24GP-A DELTA-DPS-24GP-A Datasheet
1Mb / 3P
Total power 24W
More results


Similar Description - DPS-220AB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-230GB-1 DELTA-DPS-230GB-1 Datasheet
149Kb / 1P
Application: Desktop PC
DPS-275GB DELTA-DPS-275GB Datasheet
148Kb / 1P
Application: Desktop PC
DPS-300AB-5 DELTA-DPS-300AB-5 Datasheet
155Kb / 1P
Application: Desktop PC
DPS-300AB-9 DELTA-DPS-300AB-9 Datasheet
148Kb / 1P
Application: Desktop PC
DPS-300AB-10 DELTA-DPS-300AB-10 Datasheet
148Kb / 1P
Application: Desktop PC
DPS-300PB-1 DELTA-DPS-300PB-1 Datasheet
148Kb / 1P
Application: Desktop PC
DPS-300PB-2 DELTA-DPS-300PB-2 Datasheet
154Kb / 1P
Application: Desktop PC
DPS-350AB-4 DELTA-DPS-350AB-4 Datasheet
146Kb / 1P
Application: Desktop PC
DPS-350PB-2 DELTA-DPS-350PB-2 Datasheet
155Kb / 1P
Application: Desktop PC
DPS-350TB DELTA-DPS-350TB Datasheet
145Kb / 1P
Application: Desktop PC
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com