Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS-180KB-4 Datasheet (PDF) - Delta Electronics, Inc.

DPS-180KB-4 Datasheet PDF - Delta Electronics, Inc.
Part # DPS-180KB-4
Download  DPS-180KB-4 Download
File Size   298.43 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Complies with TFX12V

DPS-180KB-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS-180KB-4 Datasheet PDF - Delta Electronics, Inc.

Part # DPS-180KB-4
Download  DPS-180KB-4 Click to download

File Size   298.43 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Complies with TFX12V

DPS-180KB-4 Datasheet (HTML) - Delta Electronics, Inc.


DPS-180KB-4 Product details

Complies with TFX12V



FEATURES

Complies with TFX12V

Remote On/Off

High Reliability

Built-in EMI Filter

TTL Compatible Power Good Signal

All Outputs SELV (Safety Extra Low Voltage)

Fan Speed Control Function Inside

Optional PFC Circuit

Low Acoustic Noise

Meets IEC 60950: 1999/UL 60950 3rd Edition



 




Similar Part No. - DPS-180KB-4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-180AB-21 DELTA-DPS-180AB-21 Datasheet
703Kb / 2P
Total Power 180W,peak 288W for 4Sec.
More results


Similar Description - DPS-180KB-4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
logo
NXP Semiconductors
74HC08D-T PHILIPS-74HC08D-T Datasheet
150Kb / 16P
Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
Sparkle Power Inc.
FSP100-50GLT SPI-FSP100-50GLT Datasheet
694Kb / 1P
Complied with TFX12V standard
FSP100-50SNT SPI-FSP100-50SNT Datasheet
132Kb / 1P
Complied with TFX12V standard
FSP150-50GLT SPI-FSP150-50GLT Datasheet
631Kb / 1P
Complied with TFX12V standard
FSP150-50SNT SPI-FSP150-50SNT Datasheet
135Kb / 1P
Complied with TFX12V standard
FSP200-50SNT SPI-FSP200-50SNT Datasheet
135Kb / 1P
Complied with TFX12V standard
FSP250-60SNT SPI-FSP250-60SNT Datasheet
142Kb / 1P
Complied with TFX12V standard
logo
List of Unclassifed Man...
ENP-2322C ETC2-ENP-2322C Datasheet
458Kb / 2P
FLEX-ATX / TFX12V Compliant
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com