Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E48SH05020 Datasheet (PDF) - Delta Electronics, Inc.

E48SH05020 Datasheet PDF - Delta Electronics, Inc.
Part # E48SH05020
Download  E48SH05020 Download
File Size   806.25 Kbytes
Page   15 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out

E48SH05020 Datasheet (PDF)

Go To PDF Page Download Datasheet
E48SH05020 Datasheet PDF - Delta Electronics, Inc.

Part # E48SH05020
Download  E48SH05020 Click to download

File Size   806.25 Kbytes
Page   15 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out

E48SH05020 Datasheet (HTML) - Delta Electronics, Inc.


E48SH05020 Product details

The Delphi Series E48SH Eighth Brick, 48V input, single output, isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. This product family is available in either a through-hole or surface-mounted package and provides up to 120 watts of power or 50A of output current (1.2V and below) in an industry standard footprint and pinout. The E48SH converter operates from an input voltage of 36V to 75V and is available in output voltages from 1.0V to 15V. Efficiency is up to 90% for 5V output at 20A full load. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All models are fully protected from abnormal input/output voltage, current, and temperature conditions. The Delphi Series converters meet all safety requirements with basic insulation.



FEATURES

♦ High efficiency: 90% @5V/20A

♦ Size: 58.4mm x 22.8mm x 9.5mm (2.30”x0.90”x0.37”)

♦ Industry standard pin out

♦ Fixed frequency operation

♦ Input UVLO, Output OTP, OCP, OVP

♦ Monotonic startup into normal and pre-biased loads

♦ Very fast transient response

♦ 2250V Isolation and basic insulation

♦ No minimum load required

♦ SMD and through-hole versions

♦ No negative current during power or enable on/off

♦ ISO 9001, TL 9000, ISO 14001, QS 9000, OHSAS 18001 certified manufacturing facility

♦ UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified

♦ CE mark meets 73/23/EEC and 93/68/EEC directive



APPLICATIONS

♦ Telecom/DataCom

♦ Wireless Networks

♦ Optical Network Equipment

♦ Server and Data Storage

♦ Industrial/Test Equipment



 




Similar Part No. - E48SH05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH05020NKFA DELTA-E48SH05020NKFA Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NKFH DELTA-E48SH05020NKFH Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFA DELTA-E48SH05020NMFA Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFH DELTA-E48SH05020NMFH Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NNFA DELTA-E48SH05020NNFA Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results


Similar Description - E48SH05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH3R330 DELTA-E48SH3R330 Datasheet
758Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com