Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL75L10A Datasheet (PDF) - Delta Electronics, Inc.

FL75L10A Datasheet PDF - Delta Electronics, Inc.
Part # FL75L10A
Download  FL75L10A Download
File Size   340.51 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering

FL75L10A Datasheet (PDF)

Go To PDF Page Download Datasheet
FL75L10A Datasheet PDF - Delta Electronics, Inc.

Part # FL75L10A
Download  FL75L10A Click to download

File Size   340.51 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering

FL75L10A Datasheet (HTML) - Delta Electronics, Inc.


FL75L10A Product details

The Delphi series FL75L20 filter module is the latest offering from a world leader in power systems technology and manufacturing -- Delta Electronics, Inc. This filter module is designed to reduce the conducted common-mode and differential-mode noise on input or output lines of high-frequency switching power supplies and has a maximum current rating of 20A. It has the industry standard footprint and pin-out. With creative design technology and optimization of component placement, Delphi FL75L20 filter module possesses outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.

FEATURES
♦ ROHS Compliant
♦ Small size: 50.8mm x 40.6mm x 12.7mm
   (2.0” x 1.6” x 0.5”)
♦ Industry standard footprint and pin-out
♦ Optimized for use with high frequency
   board mounted DC/DC converters
♦ Printed-circuit board mountable
♦ ISO 9001, TL 9000, ISO 14001, QS 9000,
   OHSAS 18001 certified manufacturing
   facility
♦ UL/cUL 60950 (US & Canada)
   Recognized, VDE 0805 (IEC60950)
   Licensed
  
APPLICATIONS
♦ Common-mode and differential-mode
   filtering of power supply dc input and
   output line
♦ Computer application
♦ Communications equipment




Similar Part No. - FL75L10A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L10A DELTA-FL75L10A Datasheet
317Kb / 7P
Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L10A DELTA-FL75L10A Datasheet
740Kb / 7P
Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
Delphi Series Filter Module 75Vdc max input, 10A max output current
FL75L10A DELTA-FL75L10A Datasheet
1Mb / 12P
Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
FL75L10A DELTA-FL75L10A Datasheet
344Kb / 7P
ROHS Compliant
More results


Similar Description - FL75L10A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L05A DELTA-FL75L05A Datasheet
317Kb / 7P
Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L07 DELTA-FL75L07 Datasheet
740Kb / 7P
Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
Delphi Series Filter Module 75Vdc max input, 10A max output current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
36-75Vdc Input; 12Vdc Output; 20A Output Current
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
FL75L20A DELTA-FL75L20A_12 Datasheet
852Kb / 7P
Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
FL75L05A DELTA-FL75L05A_12 Datasheet
1Mb / 12P
Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
V36SE3R315 DELTA-V36SE3R315 Datasheet
725Kb / 13P
The Delphi Series V36SE, 1/16th Brick, 18~75V wide input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing
logo
DATEL, Inc.
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
FT series, 10 A Output Current, Filter Module
FT20-100 DATEL-FT20-100_19 Datasheet
97Kb / 1P
FT series, 20 A Output Current, Filter Module
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com