Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTB65N02RG Datasheet (PDF) - ON Semiconductor

NTB65N02RG Datasheet PDF - ON Semiconductor
Part # NTB65N02RG
Download  NTB65N02RG Download
File Size   76.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK

NTB65N02RG Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB65N02RG Datasheet PDF - ON Semiconductor

Part # NTB65N02RG
Download  NTB65N02RG Click to download

File Size   76.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK

NTB65N02RG Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTB65N02RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB65N02R ONSEMI-NTB65N02R Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB65N02RT4 ONSEMI-NTB65N02RT4 Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
More results


Similar Description - NTB65N02RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
N-channel 600 V - 0.85 Ω - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
14-Apr-2008
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
21-Apr-2008
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
logo
ON Semiconductor
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
logo
STMicroelectronics
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com