Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49E Datasheet (PDF) - List of Unclassifed Manufacturers

49E Datasheet PDF - List of Unclassifed Manufacturers
Part # 49E
Download  49E Download
File Size   512.72 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 49E Hall-Effect Linear Position Sensor

49E Datasheet (PDF)

Go To PDF Page Download Datasheet
49E Datasheet PDF - List of Unclassifed Manufacturers

Part # 49E
Download  49E Click to download

File Size   512.72 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 49E Hall-Effect Linear Position Sensor

49E Datasheet (HTML) - List of Unclassifed Manufacturers


49E Product details

Feature
Good linearity and high sensitivity(1.4 ~3.0mV/GS optional)
Miniature construction
Power consumption of 4 mA at 5 Vdc for energy efficiency
Low-voltage operation down to 2.3 Vdc
Single current sourcing output
Linear output for circuit design flexibility
Low noise output virtually eliminates the need for filtering
Temperature range of -40 °C to 100 °C [-40 °F to 212 °F]
Responds to either positive or negative gaussl





Similar Description - 49E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com