Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8300 Datasheet (PDF) - Freescale Semiconductor, Inc

MPXY8300 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXY8300
Download  MPXY8300 Download
File Size   1276.78 Kbytes
Page   164 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Tire Pressure Monitor Sensor Product Specification

MPXY8300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXY8300 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXY8300
Download  MPXY8300 Click to download

File Size   1276.78 Kbytes
Page   164 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Tire Pressure Monitor Sensor Product Specification

MPXY8300 Datasheet (HTML) - Freescale Semiconductor, Inc


MPXY8300 Product details

The MPXY8300 Series is a 20-pin sensor for use in applications that monitor tire
pressure and temperature. It contains the pressure, temperature and 2-axis
accelerometer sensors, a microcontroller, and an RF output all within a single
package. The MPXY8300 Series is comprised of the following functions all within the same package.

Features
• Pressure sensor with signal interface to ADC10
• Temperature sensor with signal interface to ADC10
• Z- and X-axis accelerometers with signal interface to ADC10
• Voltage reference measured by ADC10
• 4-channel, 10-bit analog-to-digital converter
• 8-bit MCU
– S08 Core with SIM, interrupt and debug/monitor
– 512 RAM
– 8K FLASH (in addition to 8K providing factory firmware and trim
data)
– 32-byte, low power, parameter registers
• Internal 315/434 MHz RF transmitter
– External crystal oscillator
– PLL-based output with fractional-n divider
– ASK and FSK modulation capability
– Programmable data rate generator
– Manchester or bi-phase data encoding
– 128-bit RF data buffer with RTS/CTS handshake
– Direct access to RF transmitter from MCU for unique formats
– Supply voltage charge pump to compensate for cold batteries
with selectable charge times (30, 60, 120 and 240 msec)
• Differential input LF detector/decoder
• 4 GPIO pins with optional pull-ups/pull-downs and wake-up interrupt
• Real Time Interrupt driven by LFO with interrupt intervals of
8, 16, 32, 64, 128, 256, 512 or 1024 msec
• Low power wake-up timer and periodic reset driven by LFO
• Watchdog time-out with selectable times and clock sources
• 2-channel general purpose timer/PWM module (TPM1)
• Internal oscillators
– MCU bus clock of 0.5, 1, 2 and 4 MHz (1, 2, 4 and 8 MHz HFO)
– Charge pump clock of 10 MHz
– Low frequency, low power time clock (LFO) with 1 msec period
– Medium frequency, LFR decoder and sensor clock (MFO) of
8 μsec period
• Low voltage detection
• Normal temperature restart in hardware (over temperature detected by software)




Similar Part No. - MPXY8300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
MPXY8020A MOTOROLA-MPXY8020A Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
More results


Similar Description - MPXY8300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
Tire Pressure Sensor
06 / 2012
logo
NXP Semiconductors
FXTH870X6 NXP-FXTH870X6 Datasheet
1Mb / 176P
FXTH870x6 Tire Pressure Monitor Sensor
Rev. 1.3, 09/2014
NTM88HXX5S NXP-NTM88HXX5S Datasheet
832Kb / 40P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
NTM88JXX5S NXP-NTM88JXX5S_V01 Datasheet
797Kb / 37P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com