Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM5356 Datasheet (PDF) - Broadcom Corporation.

BCM5356 Datasheet PDF - Broadcom Corporation.
Part # BCM5356
Download  BCM5356 Download
File Size   142.38 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY

BCM5356 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM5356 Datasheet PDF - Broadcom Corporation.

Part # BCM5356
Download  BCM5356 Click to download

File Size   142.38 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY

BCM5356 Datasheet (HTML) - Broadcom Corporation.


BCM5356 Product details

FEATURES
• Lowest cost, single-chip IEEE 802.11b/g and single stream 802.11n
system-on-a-chip (SoC) wireless router
• Integrated 802.11, MAC, baseband, and 2.4 GHz radio
• Includes Accelerange™ Technology—a unique set of hardware
and software enhancements that ensure more robust wireless
coverage in the far corners of a home
• Integrated five-port 10/100BASE-TX/FX IEEE 802.3u-compliant
auto-MDIX transceivers and LAN/WAN switch controller
• High performance superscalar 333 MHz MIPS32® 74K™ core
• 32 KB I-cache, 32 KB D-cache
• 64-entry translation lookaside buffer (TLB)
• High performance memory subsystem with support for the
following interfaces:
• 16-bit SDR/DDR interface supporting memory sizes from 8 MB to
128 MB
• Serial Flash interface supporting sizes from 1 MB to 32 MB
• State-of-the-art security (IEEE 802.1X/WPA™/WPA2™)
• Integrated 2.4 GHz power amplifier (PA) that delivers high
performance with high efficiency and reliability




Similar Part No. - BCM5356

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5354 BOARDCOM-BCM5354 Datasheet
115Kb / 2P
OPTIMIZED 802.11G ROUTER WITH BROADRANGE
More results


Similar Description - BCM5356

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24WB0MA MICROCHIP-MRF24WB0MA_13 Datasheet
596Kb / 38P
MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
11/29/12 2010-2013
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Realtek Semiconductor C...
RTL8196C-GR REALTEK-RTL8196C-GR Datasheet
625Kb / 44P
IEEE 802.11n AP/ROUTER NETWORK PROCESSOR WITH EEE
logo
Broadcom Corporation.
BCM4716 BOARDCOM-BCM4716 Datasheet
124Kb / 2P
INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com