Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMD101 Datasheet (PDF) - List of Unclassifed Manufacturers

BMD101 Datasheet PDF - List of Unclassifed Manufacturers
Part # BMD101
Download  BMD101 Download
File Size   933.33 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description BMD101 Product Brief

BMD101 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMD101 Datasheet PDF - List of Unclassifed Manufacturers

Part # BMD101
Download  BMD101 Click to download

File Size   933.33 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description BMD101 Product Brief

BMD101 Datasheet (HTML) - List of Unclassifed Manufacturers


BMD101 Product details

Features and Benefits
High Performance Bio-Signal System-on-Chip (SoC)
• Single Chip Solution for accurate Bio-Signal Detection and Processing
• Mixed Signal SoC with Integrated Analog Front End (AFE) and DSP
• Accurate ECG raw signals output
Advanced Analog Signal Processing
• High Performance AFE for Bio-Signal Detection Ranging from uV Level to mV Level
• Advanced Low-Noise Amplifier (LNA) and Anti-alias Filtering
• High Resolution (16-bit) ADC
• Low Input-Referred Noise
• Automatic Sensor-Off Detection
• Fully integrated high pass filter with DC drifts removal
Powerful Digital Processing Capability
• Reliable detection and real time heart rate (±1bpm)
• Strong notch filter with at least -60dB rejection for both 50Hz and 60Hz power supply
• Built-in low pass filter with stable passband to the cutoff frequencies and -40dB at the stop
frequency
Flexible Interface
• UART (57600 Baud Rate) with 64 Byte TX FIFO
Low Power Consumption
• Single 3.3V (3.3±10%) Power Supply with On-Chip 1.2V Regulator
• Low Current Consumption – 0.8mA
ESD Protection with External Diodes
• 8kV Air Discharge
• 4kV Contact Discharge
Clocking Scheme
• Built-In RC Oscillator
Small Form Factor
• SON8
Target Applications
Medical Equipment
 Health care center/Clinic ECG monitor and analysis
 HRV monitor
 Mobile ECG monitor and expert system
Portable Heart Rate Monitor
 Regular usage
 Long term care
 Sleep study
 Potential irregular heart rhythm detection
Sports and Training
 Heart rate monitor for recreation
 Heart rate guidance and alarm device for athlete training
Sensor Electrode requirements
Sensor Materials
 Stainless Steel
 Silver-Silver Chloride (Ag-AgCl)
Sensor Dimensions
 Recommended Diameter of Sensor is ~10mm




Similar Part No. - BMD101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMD-340 ETC1-BMD-340 Datasheet
6Mb / 34P
BMD-340 MODULE for Bluetooth 5 and 802.15.4
BMD-340-A-EVK ETC1-BMD-340-A-EVK Datasheet
6Mb / 34P
BMD-340 MODULE for Bluetooth 5 and 802.15.4
BMD-340-A-R ETC1-BMD-340-A-R Datasheet
6Mb / 34P
BMD-340 MODULE for Bluetooth 5 and 802.15.4
BMD-340-EVK ETC1-BMD-340-EVK Datasheet
6Mb / 34P
BMD-340 MODULE for Bluetooth 5 and 802.15.4
logo
Bosch Sensortec GmbH
BMD040 BOSCH-BMD040 Datasheet
323Kb / 15P
Analog pressure sensor
More results


Similar Description - BMD101

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com