Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EJ168A Datasheet (PDF) - List of Unclassifed Manufacturers

EJ168A Datasheet PDF - List of Unclassifed Manufacturers
Part # EJ168A
Download  EJ168A Download
File Size   1939.35 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB 3.0 Host Controller

EJ168A Datasheet (PDF)

Go To PDF Page Download Datasheet
EJ168A Datasheet PDF - List of Unclassifed Manufacturers

Part # EJ168A
Download  EJ168A Click to download

File Size   1939.35 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB 3.0 Host Controller

EJ168A Datasheet (HTML) - List of Unclassifed Manufacturers


EJ168A Product details

2 Features
 Host Interface
- Compliant with the PCI Express Base Specification Revision 2.0
- Supports the PCI Bus Power Management Interface Specification Revision 1.2
- Supports the SPI/I2C type ROM/flash
- System clock uses either 25MHz crystal or external clock
- 3.3V for I/O power and 1.2V for core power
 USB interface
- Compliant with eXtensible Host Controller Interface (xHCI) Specification revision 1.0
- Compliant with the Universal Serial Bus 3.0 specification Revision 1.0
 Two downstream USB3.0 ports
 Supports data rate:
i. LowSpeed (1.5 Mbps)
ii. FullSpeed (12 Mbps)
iii. HighSpeed (480 Mbps)
iv. SuperSpeed (5 Gbps)
 Supports USB data transfer types:
i. Control
ii. Bulk(stream)
iii. Interrupt
iv. Isochronous transfer
 Package
- 100-TQFP (14mm x 14mm)




Similar Part No. - EJ168A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EJ16106 HAMMOND-EJ16106 Datasheet
139Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EJ16106 HAMMOND-EJ16106 Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJ16106LG HAMMOND-EJ16106LG Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJ161410 HAMMOND-EJ161410 Datasheet
136Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EJ161410 HAMMOND-EJ161410 Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
More results


Similar Description - EJ168A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
Embedded USB Host/Slave Controller
logo
OKI electronic componet...
ML60841 OKI-ML60841 Datasheet
606Kb / 74P
USB Host Device controller LSI
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
Embedded USB Host/Slave Controller
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
USB 3.0 xHCI HOST CONTROLLER
logo
Renesas Technology Corp
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
USB 2.0 HOST CONTROLLER
logo
Texas Instruments
TUSB7320 TI1-TUSB7320_15 Datasheet
5Mb / 117P
USB 3.0 xHCI Host Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com