Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC9806 Datasheet (PDF) - List of Unclassifed Manufacturers

LC9806 Datasheet PDF - List of Unclassifed Manufacturers
Part # LC9806
Download  LC9806 Download
File Size   165.06 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1/6 SIrene sounds

LC9806 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC9806 Datasheet PDF - List of Unclassifed Manufacturers

Part # LC9806
Download  LC9806 Click to download

File Size   165.06 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1/6 SIrene sounds

LC9806 Datasheet (HTML) - List of Unclassifed Manufacturers


LC9806 Product details

LC9801/LC9806 Features
CMOS process
Low stand-by current
On-chip RC oscillator
Auto power off function
Absolute Maximum Ratings
DC supply Voltage Vdd---------- -0.3V~5V
Storange temperature Tstg -25℃ ~+125℃
Operating temperatrer Top 0℃~+70℃

LC9801/LC9806 General Description
The LC9801/LC9806 is a CMOS IC tor siren/alarm appilication.Ir has Vdd control 1/6 siren sounds and the LC9801/LC9806 will be generated in cycling sequence.




Similar Part No. - LC9806

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
LC9801 SILVAN-LC9801 Datasheet
65Kb / 2P
Monotone circuit
More results


Similar Description - LC9806

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3763A ETC-M3763A Datasheet
24Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
M3766 ETC-M3766 Datasheet
33Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
M85A ETC1-M85A Datasheet
110Kb / 2P
8 different sounds in one key
logo
Alpha Wire
6301 ALPHAWIRE-6301 Datasheet
79Kb / 2P
Component 1 6 X 1 PAIR
logo
PHOENIX CONTACT
3200247 PHOENIX-3200247 Datasheet
72Kb / 3P
A 1 - 6
logo
MOSDESIGN SEMICONDUCTOR...
M09 MOSDESIGN-M09 Datasheet
102Kb / 2P
8 SOUNDS 9 KEYS
2012-04-09
M2387 MOSDESIGN-M2387 Datasheet
97Kb / 1P
WITH 7 LEDS 8 SOUNDS 8 KEYS
2012-04-13
M3711 MOSDESIGN-M3711 Datasheet
95Kb / 1P
HORN/SIREN WITH SOFT CHIRP 1 ALARM SOUNDS
2010-09-10
M3763A MOSDESIGN-M3763A Datasheet
144Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2010-07-09
M3765 MOSDESIGN-M3765 Datasheet
108Kb / 2P
HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
2012-01-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com