Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91841A007 Datasheet (PDF) - Cirrus Logic

91841A007 Datasheet PDF - Cirrus Logic
Part # 91841A007
Download  91841A007 Download
File Size   2029.88 Kbytes
Page   10 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description Evaluation Kit

91841A007 Datasheet (PDF)

Go To PDF Page Download Datasheet
91841A007 Datasheet PDF - Cirrus Logic

Part # 91841A007
Download  91841A007 Click to download

File Size   2029.88 Kbytes
Page   10 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description Evaluation Kit

91841A007 Datasheet (HTML) - Cirrus Logic


91841A007 Product details

INTRODUCTION
This kit contains everything needed for rapid prototyping with the SA310KR 3-phase driver. With a multitude
of circuit options, the EK76 offers versatility when in comes to connecting inputs, measuring outputs,
and conditioning signals to the specific application environment. High- and low- input signals for each phase
may be supplied from any 3 V to 18 V digital controller via standard pin header or SMA connectors. A removable
50 Ω termination resistor is offered for impedance-matched inputs. Coaxial measurement points are
offered for high-fidelity waveform measurement, so erroneous overshoot/ringing are cut down to a minimum.
The layout is carefully optimized for signal and power transmission, while permitting easy integration
with system controllers and 3-phase loads.




Similar Part No. - 91841A007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9184 ETC2-9184 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
B&K Precision Corporati...
9184 BK-9184 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Belden Inc.
9184 BELDEN-9184 Datasheet
163Kb / 2P
Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
logo
Heyco.
9184 HEYCO-9184 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Belden Inc.
9184.0101000 BELDEN-9184.0101000 Datasheet
163Kb / 2P
Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
More results


Similar Description - 91841A007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com