Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

749A Datasheet (PDF) - Eaton All Rights Reserved.

749A Datasheet PDF - Eaton All Rights Reserved.
Part # 749A
Download  749A Download
File Size   53.66 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton Crouse-Hinds series Pauluhn 749 spot light, Incandescent lamp, Heat resistant glass lens, Copper-free aluminum, Surface mount, Medium optical distribution, 120 Vac, 500W

749A Datasheet (PDF)

Go To PDF Page Download Datasheet
749A Datasheet PDF - Eaton All Rights Reserved.

Part # 749A
Download  749A Click to download

File Size   53.66 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton Crouse-Hinds series Pauluhn 749 spot light, Incandescent lamp, Heat resistant glass lens, Copper-free aluminum, Surface mount, Medium optical distribution, 120 Vac, 500W

749A Datasheet (HTML) - Eaton All Rights Reserved.




Similar Part No. - 749A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
749 ETC2-749 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
API Technologies Corp
749 APITECH-749 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
153Kb / 1P
QUADRATURE HYBRID
More results


Similar Description - 749A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA742 OPTEK-OPA742 Datasheet
142Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens
logo
Molex Electronics Ltd.
130104-0056 MOLEX11-130104-0056 Datasheet
31Kb / 1P
Glass Globe for 61430 Incandescent Hand Lamp
logo
List of Unclassifed Man...
VLM-635-06 ETC2-VLM-635-06 Datasheet
66Kb / 1P
One glass lens and aluminum housing for better heat dispersion.
logo
TT Electronics.
OPA742 TTELEC-OPA742 Datasheet
477Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader with Lens
logo
Schneider Electric
QOU115C1H SCHNEIDER-QOU115C1H Datasheet
102Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Crouse-Hinds
QOU120C1H SCHNEIDER-QOU120C1H Datasheet
102Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA, Crouse-Hinds
Mar 2, 2020
QOU130C1H SCHNEIDER-QOU130C1H Datasheet
102Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA, Crouse-Hinds
Mar 2, 2020
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
logo
Eaton All Rights Reserv...
746A EATON-746A Datasheet
55Kb / 3P
Eaton Crouse-Hinds series Pauluhn 746D2 spot light, Incandescent lamp, Heat resistant glass lens, Copper-free aluminum, Surface mount, Medium optical distribution, 120 Vac, 300W
DS32 EATON-DS32 Datasheet
55Kb / 2P
Eaton Crouse-Hinds series DS snap or toggle switch cover, Sheet steel, Surface mount, Single-gang, For square handle general use snap or toggle switches - unguarded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com