Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR93LC46F Datasheet (PDF) - Rohm

BR93LC46F Datasheet PDF - Rohm
Part # BR93LC46F
Download  BR93LC46F Download
File Size   133.0 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1,024-Bit Serial Electrically Erasable PROM

BR93LC46F Datasheet (PDF)

Go To PDF Page Download Datasheet
BR93LC46F Datasheet PDF - Rohm

Part # BR93LC46F
Download  BR93LC46F Click to download

File Size   133.0 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1,024-Bit Serial Electrically Erasable PROM

BR93LC46F Datasheet (HTML) - Rohm


BR93LC46F Product details

•Features
• Low power CMOS Technology
• 64 ´ 16bit configuration
• 2.7V to 5.5V operation
• Low power dissipation
– 3mA (max.) active current: 5V
– 5mA (max.) standby current: 5V
• Auto increment for efficient data dump
• Automatic erase-before-write
• Hardware and software write protection
– Default to write-disabled state at power up
– Software instructions for write-enable / disable
– Vcc lockout inadvertent write protection
• 8-pin SOP / 8-pin SSOP-B / 8-pin DIP packages
• Device status signal during write cycle
• TTL-compatible Input / Output
• 100,000 ERASE / write cycles
• 10 years Data Retention




Similar Part No. - BR93LC46F

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46F-W ROHM-BR93LC46F-W Datasheet
94Kb / 11P
64횞16bits serial EEPROM
BR93LC46FJ-W ROHM-BR93LC46FJ-W Datasheet
94Kb / 11P
64횞16bits serial EEPROM
BR93LC46FV-W ROHM-BR93LC46FV-W Datasheet
94Kb / 11P
64횞16bits serial EEPROM
More results


Similar Description - BR93LC46F

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
2,048-Bit Serial Electrically Erasable PROM
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com