Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFM32GG11 Datasheet (PDF) - Silicon Laboratories

EFM32GG11 Datasheet PDF - Silicon Laboratories
Part # EFM32GG11
Download  EFM32GG11 Download
File Size   3949.19 Kbytes
Page   261 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet

EFM32GG11 Datasheet (PDF)

Go To PDF Page Download Datasheet
EFM32GG11 Datasheet PDF - Silicon Laboratories

Part # EFM32GG11
Download  EFM32GG11 Click to download

File Size   3949.19 Kbytes
Page   261 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet

EFM32GG11 Datasheet (HTML) - Silicon Laboratories


EFM32GG11 Product details

• ARM Cortex-M4 at 72 MHz
• Ultra low energy operation
• 80 μA/MHz in Energy Mode 0 (EM0)
• 2.1 μA EM2 Deep Sleep current (RTCC
running with state and RAM retention)
• Octal/Quad-SPI memory interface w/ XIP
• SD/MMC/SDIO Host Controller
• 10/100 Ethernet MAC with 802.3az EEE,
IEEE1588
• Dual CAN 2.0 Bus Controller
• Crystal-free low-energy USB
• Hardware cryptographic engine supports
AES, ECC, SHA, and TRNG
• Robust capacitive touch sense
• Footprint compatible with select EFM32
packages
• 5 V tolerant I/O




Similar Part No. - EFM32GG11

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG12 SILABS-EFM32GG12 Datasheet
3Mb / 236P
EFM32 Giant Gecko Series 1 Family
Rev. 0.5
EFM32GG12-SLTB009A SILABS-EFM32GG12-SLTB009A Datasheet
1Mb / 7P
QSG163: EFM32GG12-SLTB009A Quick Start
Rev. 0.1
EFM32GG12B110F1024GM64-A SILABS-EFM32GG12B110F1024GM64-A Datasheet
3Mb / 236P
EFM32 Giant Gecko Series 1 Family
Rev. 0.5
EFM32GG12B110F1024GQ64-A SILABS-EFM32GG12B110F1024GQ64-A Datasheet
3Mb / 236P
EFM32 Giant Gecko Series 1 Family
Rev. 0.5
EFM32GG12B110F1024IM64-A SILABS-EFM32GG12B110F1024IM64-A Datasheet
3Mb / 236P
EFM32 Giant Gecko Series 1 Family
Rev. 0.5
More results


Similar Description - EFM32GG11

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFM32 SILABS-EFM32 Datasheet
5Mb / 433P
EFM32 Giant Gecko Family
SLSTK3701A SILABS-SLSTK3701A Datasheet
2Mb / 33P
EFM32 Giant Gecko GG11 Starter Kit
Revision 1.10
SLSTK3401A SILABS-SLSTK3401A Datasheet
522Kb / 7P
EFM32 Pearl Gecko Family QSG118: EFM32PG1 SLSTK3401A QuickStart Guide
Rev. 0.4
EFM32HG SILABS-EFM32HG Datasheet
2Mb / 169P
EFM32 Happy Gecko Family
Rev. 2.40
EFM32LG SILABS-EFM32LG Datasheet
5Mb / 469P
EFM32 Leopard Gecko Family
Rev. 2.40
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
EFM32 Gecko Family
Rev. 2.11
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32ZG SILABS-EFM32ZG Datasheet
2Mb / 104P
EFM32 Zero Gecko Family
Rev. 2.20
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com