Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK1079 Datasheet (PDF) - Beken Corporation

BK1079 Datasheet PDF - Beken Corporation
Part # BK1079
Download  BK1079 Download
File Size   464.36 Kbytes
Page   9 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description  Single-core FM broadcast receiver

BK1079 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK1079 Datasheet PDF - Beken Corporation

Part # BK1079
Download  BK1079 Click to download

File Size   464.36 Kbytes
Page   9 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description  Single-core FM broadcast receiver

BK1079 Datasheet (HTML) - Beken Corporation


BK1079 Product details

characteristic
 Supported frequency band: 76~108 MHz
 Automatic gain control (AGC)
 Automatic frequency control (AFC)
 Automatically search channels
 Signal quality assessment
 Automatic noise suppression
 75us de-emphasis
 Supply voltage: 2.0 ~ 3.6 V
 Operating current: 22 mA
 32.768 kHz crystal oscillator
 Supports working mode without external clock input
 Very few peripheral components
 Package: 10-pin MSOP and 10-pin SSOP




Similar Part No. - BK1079

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
logo
Power-One
BK1001-7R POWER-ONE-BK1001-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Taiyo Yuden (U.S.A.), I...
BK1005 TAIYO-YUDEN-BK1005 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM101-T TAIYO-YUDEN-BK1005HM101-T Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM102 TAIYO-YUDEN-BK1005HM102 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
More results


Similar Description - BK1079

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
logo
Silicon Laboratories
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
March, 2014
logo
Silicon Laboratories
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com