Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK1198 Datasheet (PDF) - Beken Corporation

BK1198 Datasheet PDF - Beken Corporation
Part # BK1198
Download  BK1198 Download
File Size   1461.15 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Mechanical tuning AM/FM/short wave radio receiver

BK1198 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK1198 Datasheet PDF - Beken Corporation

Part # BK1198
Download  BK1198 Click to download

File Size   1461.15 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Mechanical tuning AM/FM/short wave radio receiver

BK1198 Datasheet (HTML) - Beken Corporation


BK1198 Product details

characteristic
• Support 60~112MHz FM frequency band
• Support 504~1750kHz AM frequency band
• Support shortwave frequency band (2.2-23M ratio)
• Built-in M to freely configure each working mode
• Automatic FM stereo/mono switching control
• Automatic noise suppression
• Support normal potentiometer and encoder tuning
• Support button gear adjustment (SSOP24)
• Support digital frequency display function
• Support Line-in function (SSOP24)
• Supply voltage 1.8 ~ 3.6 V
• Support radio and (stereo SSOP24) LED indication
■ 24-pin SSOP, 16-pin SOP package




Similar Part No. - BK1198

ManufacturerPart #DatasheetDescription
logo
Dc Components
BK110F DCCOM-BK110F Datasheet
43Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
logo
Beckhoff Automation Gmb...
BK1120 BECKHOFF-BK1120 Datasheet
261Kb / 2P
BK1250 | “Compact” coupler between E-bus and K-bus Terminals
BK1150 BECKHOFF-BK1150 Datasheet
261Kb / 2P
BK1250 | “Compact” coupler between E-bus and K-bus Terminals
More results


Similar Description - BK1198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com