Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK4819 Datasheet (PDF) - Beken Corporation

BK4819 Datasheet PDF - Beken Corporation
Part # BK4819
Download  BK4819 Download
File Size   2143.7 Kbytes
Page   22 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Analog Two Way Radio IC

BK4819 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK4819 Datasheet PDF - Beken Corporation

Part # BK4819
Download  BK4819 Click to download

File Size   2143.7 Kbytes
Page   22 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Analog Two Way Radio IC

BK4819 Datasheet (HTML) - Beken Corporation


BK4819 Product details

Features
 World wide band: 18 MHz ~ 660 MHz,
840 MHz ~1300 MHz
 12.5/25/6.25/20 kHz channel spacing
 On chip 7 dBm RF PA
 2.6 V to 3.6 V power supply
 CTCSS tone receiver with tail CTCSS
frequency detector
 23/24 bit programmable DCS code
 Standard DTMF and programmable
in-band dual tone
 SELCALL and programmable in-band
single tone
 FSK data modem
 Frequency inversion scrambler
 Voice activated switch (VOX)
 RF Signal strength measurement
 TX Audio signal strength indication
and RX audio signal strength
indication
 3-wires interface with MCU with
maximum 8 Mbps clock rate
 QFN 4x4 32-Pin package




Similar Part No. - BK4819

ManufacturerPart #DatasheetDescription
logo
Beken Corporation
BK4829 BEKEN-BK4829 Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
BK4829QN32A BEKEN-BK4829QN32A Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
More results


Similar Description - BK4819

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
Scrambler IC for two-way radio
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
November 25, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com