Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE20 Datasheet (PDF) - Pulse A Technitrol Company

EE20 Datasheet PDF - Pulse A Technitrol Company
Part # EE20
Download  EE20 Download
File Size   184.4 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA

EE20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE20 Datasheet PDF - Pulse A Technitrol Company

Part # EE20
Download  EE20 Click to download

File Size   184.4 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA

EE20 Datasheet (HTML) - Pulse A Technitrol Company


EE20 Product details

Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 70°C/B
Short-circuit-proof (where noted:
1/2/3* under Agency Approvals)
Weight: 0.018kg
Packaging unit: 40 pieces (tray)




Similar Part No. - EE20

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE20A YUXIANG-EE20A Datasheet
59Kb / 2P
EE Core
More results


Similar Description - EE20

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-5716-0 PULSE-030-5716-0 Datasheet
71Kb / 1P
LAMINATED TRANSFORMERS
030-6441-0 PULSE-030-6441-0 Datasheet
61Kb / 1P
LAMINATED TRANSFORMERS
030-6878-0 PULSE-030-6878-0 Datasheet
86Kb / 1P
LAMINATED TRANSFORMERS
030-6941-0 PULSE-030-6941-0 Datasheet
86Kb / 1P
LAMINATED TRANSFORMERS
030-6944-0 PULSE-030-6944-0 Datasheet
86Kb / 1P
LAMINATED TRANSFORMERS
030-6947-0 PULSE-030-6947-0 Datasheet
86Kb / 1P
LAMINATED TRANSFORMERS
030-6950-0 PULSE-030-6950-0 Datasheet
86Kb / 1P
LAMINATED TRANSFORMERS
030-7004-0 PULSE-030-7004-0 Datasheet
85Kb / 1P
LAMINATED TRANSFORMERS
BV020-5411.0 PULSE-BV020-5411.0 Datasheet
74Kb / 1P
LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
BV020-5470.0 PULSE-BV020-5470.0 Datasheet
128Kb / 3P
LAMINATED TRANSFORMERSType EE20 / 4 - 0.08VA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com