Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1117-AD Datasheet (PDF) - First Silicon Co., Ltd

FR1117-AD Datasheet PDF - First Silicon Co., Ltd
Part # FR1117-AD
Download  FR1117-AD Download
File Size   401.63 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR

FR1117-AD Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1117-AD Datasheet PDF - First Silicon Co., Ltd

Part # FR1117-AD
Download  FR1117-AD Click to download

File Size   401.63 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR

FR1117-AD Datasheet (HTML) - First Silicon Co., Ltd


FR1117-AD Product details

FEATURES
Low Dropout Voltage : 1.2V/Typ. (Iout=1.0A)
Very Low Quiescent Current : 4.2 ㎃/Typ.
Output Current up to 1A
Fixed Output Voltage of 1.2V, 1.25V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
Adjustable Version Availability : Vref=1.25V
Internal Current and Thermal Limit
Only 10 ㎌ for stability
Available in ±2% (at 25℃ ) and 4% in full Temperature range
High Ripple Rejection : 80dB/Typ
Temperature Range (Tj) : -40℃ ~ 125℃ ( for FR1117X-1.2 :0℃ ~ 125℃)




Similar Part No. - FR1117-AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR1111C ETC1-FR1111C Datasheet
160Kb / 2P
F_1111C Series Ultra Compact AllnGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
FR1111C STANLEY-FR1111C Datasheet
374Kb / 20P
Single Color High Brightness Type
FR1111C-0105 STANLEY-FR1111C-0105 Datasheet
432Kb / 24P
Single Color Low Current Type
FR1111C-0105 STANLEY-FR1111C-0105 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
Single Color High Brightness Type
More results


Similar Description - FR1117-AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
5A Low drop positive voltage regulator adjustable and fixed
30-May-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com