Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD4.5V20D-SC Datasheet (PDF) - UN Semiconducctor INC

ESD4.5V20D-SC Datasheet PDF - UN Semiconducctor INC
Part # ESD4.5V20D-SC
Download  ESD4.5V20D-SC Download
File Size   5482.04 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD4.5V20D-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD4.5V20D-SC Datasheet PDF - UN Semiconducctor INC

Part # ESD4.5V20D-SC
Download  ESD4.5V20D-SC Click to download

File Size   5482.04 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD4.5V20D-SC Datasheet (HTML) - UN Semiconducctor INC


ESD4.5V20D-SC Product details

Features
4400W peak pulse power (8/20us)
Operating voltage: 4.5V
Low leakage: nA level
Ultra low clamping voltage
RoHS Compliant
IEC61000-4-2 (ESD)±30kV (air), ±30kV (contact)
IEC61000-4-5 (Lightning)220A (8/20μs)

Applications
Power Management
Industrial Application
Power Supply Protection




Similar Part No. - ESD4.5V20D-SC

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD4.5V32D-HA UNSEMI-ESD4.5V32D-HA Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V32D-HC UNSEMI-ESD4.5V32D-HC Datasheet
858Kb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V52D-HA UNSEMI-ESD4.5V52D-HA Datasheet
3Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD4.5V88D-C UNSEMI-ESD4.5V88D-C Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results


Similar Description - ESD4.5V20D-SC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com