Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R460PF2 Datasheet (PDF) - ON Semiconductor

R460PF2 Datasheet PDF - ON Semiconductor
Part # R460PF2
Download  R460PF2 Download
File Size   222.07 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 A, 600 V, STEALTH Diode

R460PF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
R460PF2 Datasheet PDF - ON Semiconductor

Part # R460PF2
Download  R460PF2 Click to download

File Size   222.07 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 A, 600 V, STEALTH Diode

R460PF2 Datasheet (HTML) - ON Semiconductor


R460PF2 Product details

Features
• Ultrafast Recovery, tRR = 17 ns (@ IF = 4 A)
• Max Forward Voltage, VF = 2.4 V (@ TC = 25°C)
• 600 V Reverse Voltage and High Reliability
• Avalanche Energy Rated
• This Device is Pb−Free and is RoHS Compliant

Applications
• SMPS
• Hard Switched PFC Boost Diode
• UPS Free Wheeling Diode
• Motor Drive FWD
• SMPS FWD
• Snubber Diode




Similar Part No. - R460PF2

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R4607A-01 HAMAMATSU-R4607A-01_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
logo
GIACOMINI WATER E-MOTIO...
R460HX011 GIACOMINI-R460HX011 Datasheet
870Kb / 6P
Thermostatic head with threaded connection M30 x 1,5 mm
R460X001 GIACOMINI-R460X001 Datasheet
881Kb / 5P
Thermostatic head with Clip Clap quick connection
More results


Similar Description - R460PF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R18120G2 FAIRCHILD-ISL9R18120G2 Datasheet
131Kb / 6P
18A, 1200V Stealth??Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
15A, 600V Stealth??Diode
logo
Power Integrations, Inc...
LXA04T600 POWERINT-LXA04T600 Datasheet
244Kb / 8P
600 V, 4 A X-Series PFC Diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
FFPF60SA60DSTU FAIRCHILD-FFPF60SA60DSTU Datasheet
3Mb / 5P
6 A, 600 V, STEALTH Dual Diode
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
FFH50US60S-F085 ONSEMI-FFH50US60S-F085 Datasheet
4Mb / 6P
STEALTH Diode 50 A, 600 V
March, 2020 - Rev. 4
logo
Power Integrations, Inc...
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
600 V, 4 A X-Series PFC Diode
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com