Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3172 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3172 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3172
Download  AAT3172 Download
File Size   455.31 Kbytes
Page   15 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description High Current LED Flash Driver Charge Pump IC

AAT3172 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3172 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3172
Download  AAT3172 Click to download

File Size   455.31 Kbytes
Page   15 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description High Current LED Flash Driver Charge Pump IC

AAT3172 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3172 Product details

General Description
The AAT3172 is a high output current, high efficiency, low noise, low profile charge pump DC/DC converter, ideal for multi-function LED photo-flash applications where solution cost, size, and efficiency are critical.

Features
• VIN Range: 2.7V to 5.5V
• 600mA Output Current
• Tri-Mode 1X/1.5X/2X in Current Mode
• Voltage Mode Operation: 1.5X, 100mA
• Dual Regulated Current Sinks
• Current Match Between Current Sinks
• 32 Current Steps Set by AS2Cwire
• 1µF Input, Output, and Flying Capacitors
• <1.0µA of Shutdown
• Small Application Circuit
• No Inductors
• Automatic Soft Start
• 12-Pin TDFN 3x3mm Package
• -40°C to +85°C Temperature Range

Applications
• Camera Phones
• Digital Still Cameras (DSCs)
• PDAs and Notebook PCs
• Smart Phones




Similar Part No. - AAT3172

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3172 ANALOGICTECH-AAT3172 Datasheet
870Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Skyworks Solutions Inc.
AAT3172 SKYWORKS-AAT3172 Datasheet
956Kb / 15P
High Current LED Flash Driver Charge Pump
June 25, 2012
logo
Advanced Analogic Techn...
AAT3172IWP-T1 ANALOGICTECH-AAT3172IWP-T1 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3172IWP-T1 ANALOGICTECH-AAT3172IWP-T1 Datasheet
870Kb / 15P
High Current LED Flash Driver Charge Pump IC
More results


Similar Description - AAT3172

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
High Current LED Flash Driver Charge Pump IC
3170.2006.11.1.1
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
AAT3172 ANALOGICTECH-AAT3172_08 Datasheet
870Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com