Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR226F0.033K Datasheet (PDF) - List of Unclassifed Manufacturers

BPR226F0.033K Datasheet PDF - List of Unclassifed Manufacturers
Part # BPR226F0.033K
Download  BPR226F0.033K Download
File Size   269.63 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Square metal plate resistor Rectangular Type Metal Plate Resistors

BPR226F0.033K Datasheet (PDF)

Go To PDF Page Download Datasheet
BPR226F0.033K Datasheet PDF - List of Unclassifed Manufacturers

Part # BPR226F0.033K
Download  BPR226F0.033K Click to download

File Size   269.63 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Square metal plate resistor Rectangular Type Metal Plate Resistors

BPR226F0.033K Datasheet (HTML) - List of Unclassifed Manufacturers


BPR226F0.033K Product details

■Features
● This is a power type current detection resistor.
● Flame retardant resistor in ceramic case.
● Automatic insertion of terminals with a pitch of 5mm is possible.
(26type, 58type)
● Low inductance.
● Small footprint.
● Power type resistor.
● Flame retardant resistors in Ceramic Case.
● Automatic insertion is applicable.
(26 types, 58 types)
●Low inductance.
● Space saving.




Similar Part No. - BPR226F0.033K

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPR20 TTELEC-BPR20 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
logo
Bi technologies
BPR20500F BITECH-BPR20500F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR20500G BITECH-BPR20500G Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR20500J BITECH-BPR20500J Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR2050F BITECH-BPR2050F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results


Similar Description - BPR226F0.033K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
BPR26CFT KOA-BPR26CFT Datasheet
94Kb / 3P
rectangular type metal plate resistors
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
metal plate chip type lowresistance resistors
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
rectangular type metal plate resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
METAL PLATE SHUNT RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
Wurth Elektronik GmbH &...
580060716002 WURTH-580060716002 Datasheet
341Kb / 6P
WRIS-PSMB Metal Plate Resistors
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com