Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3688 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3688 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3688
Download  AAT3688 Download
File Size   623.79 Kbytes
Page   23 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description USB Port Lithium-Ion/Polymer Battery Charger

AAT3688 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3688 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3688
Download  AAT3688 Click to download

File Size   623.79 Kbytes
Page   23 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description USB Port Lithium-Ion/Polymer Battery Charger

AAT3688 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3688 Product details

General Description
The AAT3688 BatteryManager™ is a highly integrated single cell lithium-ion/polymer battery charger IC designed to operate with USB port inputs. It requires the minimum number of external components.

Features
• USB Charger
    — Programmable up to 500mA Max
• 4.0V to 5.5V Input Voltage Range
• High Level of Integration With Internal:
    — Charging Device
    — Reverse Blocking Diode
    — Current Sensing
• Automatic Recharge Sequencing
• Charge Reduction Loop for USB Charging
• Battery Temperature Monitoring
• Full Battery Charge Auto Turn-Off
• Over-Voltage Protection
• Emergency Thermal Protection
• Power On Reset and Soft Start
• Serial Interface Status Reporting
• 12-Pin 3x3mm TDFN Package

Applications
• Bluetooth™ Headsets
• Cellular Telephones
• Digital Still Cameras
• Hand-Held PCs
• MP3 Players
• Personal Data Assistants (PDAs)
• Other Lithium-Ion/Polymer Battery-Powered Devices




Similar Part No. - AAT3688

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
384Kb / 21P
USB Port Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3688 SKYWORKS-AAT3688 Datasheet
822Kb / 21P
USB Port Li-Ion/Polymer Battery Charger
April 26, 2012
logo
Advanced Analogic Techn...
AAT3688IWP-4.2-T1 ANALOGICTECH-AAT3688IWP-4.2-T1 Datasheet
527Kb / 23P
USB Port Lithium-Ion/Polymer Battery Charger
AAT3688IWP-4.2-T1 ANALOGICTECH-AAT3688IWP-4.2-T1 Datasheet
384Kb / 21P
USB Port Lithium-Ion/Polymer Battery Charger
More results


Similar Description - AAT3688

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686 Datasheet
516Kb / 24P
USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
2007.01.1.2
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
2006.10.1.9
logo
Advanced Analogic Techn...
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
USB Port Lithium-Ion/Polymer Battery Charger
AAT3689 ANALOGICTECH-AAT3689_08 Datasheet
301Kb / 18P
0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com