Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4296 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT4296 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT4296
Download  AAT4296 Download
File Size   778.54 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Five/Six Channel Push/Pull I/O Expander

AAT4296 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT4296 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT4296
Download  AAT4296 Click to download

File Size   778.54 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description Five/Six Channel Push/Pull I/O Expander

AAT4296 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT4296 Product details

General Description
The AAT4296/98 SmartSwitch is a member of AnalogicTechs Application Specific Power MOSFET™ (ASPM™) product family. The AAT4296/98 is comprised of five/six push/pull output switches that gate each respective output between a common input supply and ground. This device is targeted for I/O expansion applications, but can also be used for a combination of general purposes to simplify power switching with an off state load discharge.

Features
• VIN Range: 1.8V to 5.5V
• Independent Push/Pull Channels
    — AAT4296: Five Channels
    — AAT4298: Six Channels
• User-Programmable Interface
• Single GPIO Controls State of Each Output
• Optional Fast Auto-Discharge
• Low Quiescent Current: 3µA Typical
• Temperature Range: -40°C to +85°C
• Available in Pb-Free Packages:
    — AAT4296: 8-Pin SC70JW
    — AAT4298: 10-Pin SC70JW and 12-Pin TSOPJW

Applications
• Cell Phones
• Multiple Low Power Switching
• Personal Communication Devices
• Portable Electronic Devices




Similar Part No. - AAT4296

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296 Datasheet
729Kb / 17P
Five/Six Channel Push/Pull I/O Expander
AAT4296 ANALOGICTECH-AAT4296 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
AAT4296IJS-T1 ANALOGICTECH-AAT4296IJS-T1 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
AAT4296 ANALOGICTECH-AAT4296_06 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
More results


Similar Description - AAT4296

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296 Datasheet
729Kb / 17P
Five/Six Channel Push/Pull I/O Expander
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296_06 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
logo
SiGe Semiconductor, Inc...
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
Six-Channel Push/Pull I/O Expander with Serial Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com