Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK2738 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK2738 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK2738
Download  RK2738 Download
File Size   622.89 Kbytes
Page   25 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description low-power digital multimedia processor

RK2738 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK2738 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK2738
Download  RK2738 Click to download

File Size   622.89 Kbytes
Page   25 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description low-power digital multimedia processor

RK2738 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK2738 Product details

Features
System Operation
 Dual Core Architecture (ARM9 + DSP) , including hardware accelerator
 Support system boot sequentially from ARM to DSP
 Support address remap function
 For two cores, all modules have unified address space
 Selectable JTAG debug method
 ARM9 debug only (default)
 DSP debug only
 ARM9+DSP dual core debug
 Selectable CPU booting method
 Boot from Nand Flash
 Boot from SPI nor flash
 Boot from UART device
 Boot from eMMc

Memory Organization
 Internal memory space for ARM processor
 Internal 16KB SRAM for ARM9 ICache
 Internal 16KB SRAM for ARM9 DCache
 Internal 2KB SRAM for ARM9 ITCM
 Internal memory space for DSP processor
 Internal 64KB SRAM for DSP Instruction L1 Memory
(Also config as 32KB Memory+32KB ICache by software)
 Internal 64KB SRAM for DSP Data L1 Memory
 Internal 40KB SRAM for DSP Instruction L2 Memory
 Internal 32KB SRAM for DSP Data L2 Memory
 Embedded 8KB ROM for CPU Boot
 Embedded 2KB SRAM for communication between two cores

 Processors
 ARM926EJC
 RISC architecture with 32bit ARM and 16bit Thumb instruction sets
 Include efficient execution of Java byte codes
 Built-in MMU to provide flexible memory management needed by many
mainstream OS
 Harvard cached architecture , separate ICache and DCache
 Separate instruction and data TCM interfaces
 Separate instruction and data AHB bus interface




Similar Part No. - RK2738

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK27 ALPS-RK27 Datasheet
260Kb / 6P
27mm Size Metal Shaft Type
RK271 ALPS-RK271 Datasheet
814Kb / 6P
High performance potentiometer with excellent operational feel
logo
ALPS ALPINE CO., LTD.
RK27111 ALPSALPINE-RK27111 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V103 ALPSALPINE-RK271111-F15-21-V103 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V203 ALPSALPINE-RK271111-F15-21-V203 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
More results


Similar Description - RK2738

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR36888 ZORAN-ZR36888 Datasheet
144Kb / 2P
DVD Multimedia Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
Multimedia Applications Processor
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
Multimedia Processor
GP326833A GENERALPLUS-GP326833A Datasheet
1Mb / 21P
Multimedia Processor
GPL32610B GENERALPLUS-GPL32610B Datasheet
1Mb / 22P
Multimedia Processor
GPL32611B GENERALPLUS-GPL32611B Datasheet
1Mb / 22P
Multimedia Processor
GPL32612B GENERALPLUS-GPL32612B Datasheet
1Mb / 22P
Multimedia Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com