Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1126 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RV1126 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RV1126
Download  RV1126 Download
File Size   498.5 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performancevision processor SoC for IPC/CVR

RV1126 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1126 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RV1126
Download  RV1126 Click to download

File Size   498.5 Kbytes
Page   3 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description A high-performancevision processor SoC for IPC/CVR

RV1126 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RV1126 Product details

Features
CPU
Quad core ARM CortexAT
McU
NPU
2.0Tops, support INT8/ INT16
Memory
32bit DDR3/DDR3L/LPDDR3/DDR4/LPDDR4
Support eMMC 4.51, SPI Flash, Nand Flash
Support fast booting
Display
MIPLDSI/RGB interface
1080P @ 60 FPS.
2D Graphics Engine
Support rotation, x-mirror, y-mirror
Support alpha blending
Support scale down/up
Multi-Media
14M ISP 2.0 with 3F HOR
(Line-based/Frame-based/DCG)
Support 2*MIPI CSI /LVDS/sub LVDS
DVP interface with BT.656/BT.1120
4K H.264/H.265 30fps video encoder
= 3840x2160@30 fps+720p@30 fps encoding
4K H.264/H.265 30fps video decoder
= 3840x2160@30 encoding +3840 x
2160@30 fps decoding
External Interface
RGMIl interface with TSO network acceleration
USB 2.0 0TG and USB 2.0 host
DualSDIO 3.0 interface for Wi-Fiand SD card
8ch 12S with TDM/PDM, 2ch 125
SDK
Linux4.19baseSDK
Physical Specifications 3
Power Consumption
= Typical power consumption at 4K30FPS:
18w
Device Information 3
Package: « FCCSP409LD
Body: 14mm x 14mm §

Ball pitch: 0.65mm |




Similar Part No. - RV1126

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV112K05AC-HE SEI-RV112K05AC-HE Datasheet
3Mb / 27P
Standard and High Energy Metal Oxide Varistor
2/14/2022
RV112K05AD-HE SEI-RV112K05AD-HE Datasheet
3Mb / 27P
Standard and High Energy Metal Oxide Varistor
2/14/2022
RV112K05AS-HE SEI-RV112K05AS-HE Datasheet
3Mb / 27P
Standard and High Energy Metal Oxide Varistor
2/14/2022
RV112K05AV-HE SEI-RV112K05AV-HE Datasheet
3Mb / 27P
Standard and High Energy Metal Oxide Varistor
2/14/2022
RV112K05BC-HE SEI-RV112K05BC-HE Datasheet
3Mb / 27P
Standard and High Energy Metal Oxide Varistor
2/14/2022
More results


Similar Description - RV1126

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47048 CIRRUS-CS47048 Datasheet
667Kb / 34P
Audio SOC Processor Family
CS470XX CIRRUS-CS470XX Datasheet
692Kb / 40P
Audio SOC Processor Family
logo
List of Unclassifed Man...
IMB-154 ETC2-IMB-154 Datasheet
772Kb / 1P
Intel짰 Pentium/Celeron Braswell SoC Processor
IMB-A180 ETC2-IMB-A180 Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
logo
Texas Instruments
TDA2E TI1-TDA2E Datasheet
73Kb / 4P
SoC Processor for Advanced Driver Assist SystemsTechnical Brief
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
logo
Generalplus Technology ...
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
System on Chip (SoC) Network Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com