Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2183101022 Datasheet (PDF) - Molex Electronics Ltd.

2183101022 Datasheet PDF - Molex Electronics Ltd.
Part # 2183101022
Download  2183101022 Download
File Size   101.45 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MINI-FIT SIGMA 2CKT R-R 150MM DISC Sn

2183101022 Datasheet (PDF)

Go To PDF Page Download Datasheet
2183101022 Datasheet PDF - Molex Electronics Ltd.

Part # 2183101022
Download  2183101022 Click to download

File Size   101.45 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MINI-FIT SIGMA 2CKT R-R 150MM DISC Sn

2183101022 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2183101022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183101021 MOLEX-2183101021 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
2183101021 MOLEX-2183101021_V01 Datasheet
37Kb / 1P
Mini-Fit Family Power Connectors
10/07/2021
More results


Similar Description - 2183101022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2174651021 MOLEX-2174651021 Datasheet
265Kb / 1P
ULTRA-FIT SR R-R 2CKT 150MM DISC Sn
2021/01/22
2196641022 MOLEX-2196641022 Datasheet
255Kb / 1P
KK 3.96 R-R 2ckt 150mm disc Sn
2022/01/19
2183111021 MOLEX-2183111021 Datasheet
95Kb / 1P
MINI-FIT SIGMA 2CKT R-S 150MM DISC Sn
2021/05/26
2183111041 MOLEX-2183111041 Datasheet
96Kb / 1P
MINI-FIT SIGMA 4CKT R-S 150MM DISC Sn
2021/05/26
2240851022 MOLEX-2240851022 Datasheet
100Kb / 1P
Mini-Fit Max R-R 2ckt 150mm disc Sn
2023/04/13
2240861022 MOLEX-2240861022 Datasheet
100Kb / 1P
Mini-Fit Max R-S 2ckt 150mm disc Sn
2023/04/13
2240891022 MOLEX-2240891022 Datasheet
100Kb / 1P
KK Plus250 R-R 2ckt 150mm disc Sn
2023/03/23
2240941022 MOLEX-2240941022 Datasheet
102Kb / 1P
Mini-Fit Versa R-R 2ckt 150mm disc Sn
2023/02/06
2240951022 MOLEX-2240951022 Datasheet
102Kb / 1P
Mini-Fit Versa R-S 2ckt 150mm disc Sn
2023/02/06
2244821022 MOLEX-2244821022 Datasheet
102Kb / 1P
MicroTPA 2.0 R-R 2ckt 150mm disc Sn
2023/02/08
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com