Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0033 Datasheet (PDF) - M.S. Kennedy Corporation

MSK0033 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK0033
Download  MSK0033 Download
File Size   587.19 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER

MSK0033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK0033 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK0033
Download  MSK0033 Click to download

File Size   587.19 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER

MSK0033 Datasheet (HTML) - M.S. Kennedy Corporation


MSK0033 Product details

DESCRIPTION:
The MSK 0033(B) is a high speed, wide bandwidth voltage follower/buffer amplifier that is pin compatible with all other 0033 designs. The FET input is cascaded to force the input characteristics to remain constant over the full input voltage range. Significantly improved performance in sample and hold circuits is achieved since the DC bias current remains constant with input voltage. The FET input also makes the MSK 0033 very accurate since it produces extremely low input bias current, input offset voltage and input offset voltage drift specifications. Transistion times in the range of 2.5 nS make the MSK 0033 fast enough for most high speed voltage follower/buffer amplifier applications.

FEATURES:
• Industry Wide LH0033/EL2005 Replacement
• Low Input Offset - 2mV
• Low Input Offset Drift - 25µV/°C
• FET Input, Low Input Current - 50pA
• High Slew Rate - 1500V/µS
• Wide Bandwidth - 140MHz
• High Output Current - ±100mA
• Available to DSCC SMD 5962-80014

TYPICAL APPLICATIONS
• Sample And Hold
• Impedance Buffers For A to Ds
• High Speed Line Drivers
• CRT Deflection Driver




Similar Part No. - MSK0033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0033 ANAREN-MSK0033 Datasheet
183Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
List of Unclassifed Man...
MSK0033B ETC1-MSK0033B Datasheet
449Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0033B ANAREN-MSK0033B Datasheet
183Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033_15 Datasheet
183Kb / 6P
Low Input Offset - 2mV
More results


Similar Description - MSK0033

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
Voltage Follower
logo
NTE Electronics
NTE924 NTE-NTE924 Datasheet
24Kb / 3P
Integrated Circuit Voltage Follower, Operational Amplifier
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
National Semiconductor ...
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
WIDEBAND FET - INPUT BUFFER / AMPLIFIER
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK0033 ANAREN-MSK0033 Datasheet
183Kb / 6P
FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com