Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMT68M8LFV Datasheet (PDF) - Diodes Incorporated

DMT68M8LFV Datasheet PDF - Diodes Incorporated
Part # DMT68M8LFV
Download  DMT68M8LFV Download
File Size   542.17 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8

DMT68M8LFV Datasheet (PDF)

Go To PDF Page Download Datasheet
DMT68M8LFV Datasheet PDF - Diodes Incorporated

Part # DMT68M8LFV
Download  DMT68M8LFV Click to download

File Size   542.17 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8

DMT68M8LFV Datasheet (HTML) - Diodes Incorporated


DMT68M8LFV Product details

Features and Benefits
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable And Robust End Application
 Low RDS(ON) – Ensures On-State Losses are Minimized
 Small Form Factor Thermally Efficient Package Enables Higher
Density End Products
 Occupies just 33% of the Board Area Occupied by SO-8 Enabling
Smaller End Product
 ESD Protected Gate
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
 Motor Control
 DC-DC Converters
 Power Management




Similar Part No. - DMT68M8LFV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT68M8LSS DIODES-DMT68M8LSS Datasheet
473Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT68M8LSS-13 DIODES-DMT68M8LSS-13 Datasheet
473Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - DMT68M8LFV

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG7430LFGQ DIODES-DMG7430LFGQ Datasheet
428Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMN10H170SFGQ DIODES-DMN10H170SFGQ Datasheet
517Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
March 2019 Rev. 2 - 2
DMN10H220LDV DIODES-DMN10H220LDV Datasheet
568Kb / 7P
DUAL 100V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
June 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com