Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZV86 Datasheet (PDF) - NXP Semiconductors

BZV86 Datasheet PDF - NXP Semiconductors
Part # BZV86
Download  BZV86 Download
File Size   22.42 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage stabistors

BZV86 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV86 Datasheet PDF - NXP Semiconductors

Part # BZV86
Download  BZV86 Click to download

File Size   22.42 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage stabistors

BZV86 Datasheet (HTML) - NXP Semiconductors


BZV86 Product details

DESCRIPTION

Low-voltage stabilization diode in a hermetically-sealed SOD27 (DO-35) glass package. The series consists of four types: BZV86-1V4 to BZV86-3V2.



FEATURES

• Low-voltage stabilization

• Forward voltage range: 1.4 to 3.2 V

• Total power dissipation: max. 330 mW

• Differential resistance range: max. 20 to 35 Ω.



APPLICATIONS

• Power clipping

• Level shifting

• Low-voltage regulation

• Temperature stabilization.




Similar Part No. - BZV86

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BZV86 NJSEMI-BZV86 Datasheet
85Kb / 3P
Low-voltage stabistors
BZV86-1V4 NJSEMI-BZV86-1V4 Datasheet
85Kb / 3P
Low-voltage stabistors
BZV86-2V0 NJSEMI-BZV86-2V0 Datasheet
85Kb / 3P
Low-voltage stabistors
BZV86-2V6 NJSEMI-BZV86-2V6 Datasheet
85Kb / 3P
Low-voltage stabistors
BZV86-3V2 NJSEMI-BZV86-3V2 Datasheet
85Kb / 3P
Low-voltage stabistors
More results


Similar Description - BZV86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV87 PHILIPS-BZV87 Datasheet
27Kb / 5P
Low-voltage stabistors
1996 Mar 21
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Digitron Semiconductors
MPD100 DIGITRON-MPD100 Datasheet
118Kb / 2P
STABISTORS TIGHT TOLERANCE
1N4829 DIGITRON-1N4829 Datasheet
118Kb / 2P
STABISTORS
1N4156 DIGITRON-1N4156 Datasheet
118Kb / 2P
STABISTORS
logo
New Jersey Semi-Conduct...
MZ2360 NJSEMI-MZ2360 Datasheet
104Kb / 2P
STABISTORS
BZV86 NJSEMI-BZV86 Datasheet
85Kb / 3P
Low-voltage stabistors
BZX75 NJSEMI-BZX75 Datasheet
68Kb / 2P
STABISTORS
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
logo
Nanjing International G...
BCX54 DGNJDZ-BCX54 Datasheet
588Kb / 3P
Low Voltage
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com