Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5251 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5251 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5251
Download  MSK5251 Download
File Size   764.86 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS

MSK5251 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5251 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5251
Download  MSK5251 Click to download

File Size   764.86 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS

MSK5251 Datasheet (HTML) - M.S. Kennedy Corporation


MSK5251 Product details

DESCRIPTION:
The MSK 5251 series voltage regulators offer high current and low output voltage capability ideal for use with low voltage microprocessors. Low output impedance, very fast transient response and minimal output capacitance requirements make the MSK 5251 an excellent choice for ASIC and FPGA core voltage supplies. The device is available in +0.8V, +0.9V, +1.0V, +1.2V, +1.3V and +1.5V output configurations with output accuracy guaranteed to 1% maximum. The MSK 5251 series is packaged in a low profile 3 pin hermetically sealed power surface mount ceramic package.

FEATURES:
• Ultra-Fast Transient Response
• Very Low Output Voltage
• Available in 0.8V, 0.9V, 1.0V, 1.2V, 1.3V and 1.5V
• On Board Thermal Shut Down
• Reverse Battery and Load Dump Protection
• 1% Maximum Guaranteed Accuracy
• Output Current to 5 Amps
• Alternate Output Voltages Available
• Ultra-Low Package Height - 0.110" Max.
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• PLD/FPGA Core Power Supply
• ASIC Core Voltage Regulator
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5251

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5251 ANAREN-MSK5251 Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251-0.8 ANAREN-MSK5251-0.8 Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251-0.8H ANAREN-MSK5251-0.8H Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251-0.9 ANAREN-MSK5251-0.9 Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251-0.9H ANAREN-MSK5251-0.9H Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Similar Description - MSK5251

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5251 ANAREN-MSK5251 Datasheet
335Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5450 ANAREN-MSK5450 Datasheet
338Kb / 6P
HIGH CURRENT, VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com