Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NB Datasheet (PDF) - Richtek Technology Corporation

RT9108NB Datasheet PDF - Richtek Technology Corporation
Part # RT9108NB
Download  RT9108NB Download
File Size   1577.92 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 15W Stereo Class-D Audio Power Amplifier

RT9108NB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9108NB Datasheet PDF - Richtek Technology Corporation

Part # RT9108NB
Download  RT9108NB Click to download

File Size   1577.92 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 15W Stereo Class-D Audio Power Amplifier

RT9108NB Datasheet (HTML) - Richtek Technology Corporation


RT9108NB Product details

Features
8V to 26V Input Supply Range
6W/CH for an 8Ω Load, 10V Supply at 10% THD +N
90% Efficiency Eliminates Need for Heat Sinks
Four Selectable or Fixed Gain Settings
Mute Function Amplifier
Robust Pin- to- Pin Short Circuit Protection
Thermal Protection with Auto Recovery Option
Speaker Protection with Adjustable Power Limit
Surface Mount TSSOP-28 (Exposed Pad) Package
RoHS Compliant and Halogen Free
15W/CH for an 8Ω Load, 16V Supply at 10% THD +N

Applications
LCD-TV
Monitors
DVD Players




Similar Part No. - RT9108NB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
RT9108NL RICHTEK-RT9108NL Datasheet
616Kb / 13P
9W Stereo Class-D Audio Power Amplifier
More results


Similar Description - RT9108NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com