Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH351C Datasheet (PDF) - Samsung semiconductor

LH351C Datasheet PDF - Samsung semiconductor
Part # LH351C
Download  LH351C Download
File Size   1698.47 Kbytes
Page   27 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description High Power LED Series 3535 Ceramic Hot Binning

LH351C Datasheet (PDF)

Go To PDF Page Download Datasheet
LH351C Datasheet PDF - Samsung semiconductor

Part # LH351C
Download  LH351C Click to download

File Size   1698.47 Kbytes
Page   27 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description High Power LED Series 3535 Ceramic Hot Binning

LH351C Datasheet (HTML) - Samsung semiconductor


LH351C Product details

High efficacy and high quality color rendering makes
the LH351C suitable use in a broad range of applications

Features & Benefits
• Operates at a maximum current of up to 2 A
• Uniform light distribution under any beam angle
• 90 CRI makes it well suited for most applications
• Hot binning @ 85 ºC

Applications
• Indoor Lighting: Spotlight, Downlight
• Outdoor Lighting: Street Light, Tunnel Light, Security Light, Area Light, Stadium/Arena Light
• Industrial Lighting: High Bay Light, Low Bay Light
• Consumer Lighting: Torch Light




Similar Part No. - LH351C

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LH35140-PF LIGITEK-LH35140-PF Datasheet
107Kb / 6P
RECTANGLE TYPE LED LAMPS
logo
Samsung semiconductor
LH351D SAMSUNG-LH351D Datasheet
2Mb / 27P
High Power LED Series 3535 Ceramic Hot Binning
More results


Similar Description - LH351C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
SJ-3535
logo
Inolux Corporation
IN-C33ATN INOLUX-IN-C33ATN Datasheet
1Mb / 16P
3535 UV LED
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
3535 High Power LED
logo
Samsung semiconductor
LH351D SAMSUNG-LH351D Datasheet
2Mb / 27P
High Power LED Series 3535 Ceramic Hot Binning
logo
American Bright OPTOELE...
AB-3535CJ-F1D AMERICANBRIGHT-AB-3535CJ-F1D Datasheet
1Mb / 9P
3535 Ceramic 1.0W 850nm 3V IR LED
Rev. 1.0 09/23/2021
AB-3535CJ-F1F AMERICANBRIGHT-AB-3535CJ-F1F Datasheet
975Kb / 9P
3535 Ceramic 1.0W, 850 nm, 120⁰ 3V IR LED
Rev. 1.0 09/23/2021
AB-3535CJ-F4D AMERICANBRIGHT-AB-3535CJ-F4D Datasheet
972Kb / 9P
3535 Ceramic 1.0W, 940 nm, 3V IR LED
Rev. 1.0 09/23/2021
AB-3535CJ-F4F AMERICANBRIGHT-AB-3535CJ-F4F Datasheet
999Kb / 9P
3535 Ceramic 1.0W, 940 nm, 120⁰ 3V IR LED
Rev. 1.0 09/23/2021
AB-3535CQ-KKFRA AMERICANBRIGHT-AB-3535CQ-KKFRA Datasheet
1Mb / 15P
3535 Ceramic 1.0W 3V White LED
Rev. 1.1 4/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com