Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5151-1.5ZD Datasheet (PDF) - M.S. Kennedy Corporation

MSK5151-1.5ZD Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5151-1.5ZD
Download  MSK5151-1.5ZD Download
File Size   275.46 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5151-1.5ZD Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5151-1.5ZD Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5151-1.5ZD
Download  MSK5151-1.5ZD Click to download

File Size   275.46 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5151-1.5ZD Datasheet (HTML) - M.S. Kennedy Corporation


MSK5151-1.5ZD Product details

DESCRIPTION:
The MSK 5151 series voltage regulators are available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 370mV at 5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The series also offers a TTL/CMOS compatible on/off enable function. The MSK 5151 series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options.

FEATURES:
• Electrically Isolated Top Tab or Z Tab SIP
• Extremely Low Dropout Voltage: 370mV @ 5 Amps
• Available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V
• TTL Level Enable Pin: Zero Current Shutdown Mode
• Reverse Battery and Load Dump Protection
• Low Ground Current: 80mA Typical at Full Load
• 1% Maximum Guaranteed Accuracy
• Output Current to 5 Amps
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• High Efficiency, Very High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5151-1.5ZD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5150-00ETD MSK-MSK5150-00ETD Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETS MSK-MSK5150-00ETS Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETU MSK-MSK5150-00ETU Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00EZD MSK-MSK5150-00EZD Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - MSK5151-1.5ZD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5175 MSK-MSK5175 Datasheet
235Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com