Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T16XXXH Datasheet (PDF) - STMicroelectronics

T16XXXH Datasheet PDF - STMicroelectronics
Part # T16XXXH
Download  T16XXXH Download
File Size   1088.7 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

T16XXXH Datasheet (PDF)

Go To PDF Page Download Datasheet
T16XXXH Datasheet PDF - STMicroelectronics

Part # T16XXXH
Download  T16XXXH Click to download

File Size   1088.7 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STANDARD TRIACS

T16XXXH Datasheet (HTML) - STMicroelectronics


T16XXXH Product details

FEATURES

» IT(Rms) = 16A
= VDpRm = 400V to 800V
= High surge current capability

DESCRIPTION

The Ti6xxxH series of triacs uses a high
performance MigA GLAssaltedmoiogy. These
parts are intended for gener: rpose switching
undphlsocommluppfi%afions.w




Similar Part No. - T16XXXH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T16XX-XXXG STMICROELECTRONICS-T16XX-XXXG Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Advanced (Shenzhen) Ele...
T16XXC-6B ADV-T16XXC-6B Datasheet
286Kb / 4P
3 Quadrants Triacs
Jun,2019 -Rev.1.01
T16XXC-6G ADV-T16XXC-6G Datasheet
268Kb / 4P
3 Quadrants Triacs
Jun,2019 -Rev.1.01
T16XXD-6B ADV-T16XXD-6B Datasheet
286Kb / 4P
4Quadrants Triacs
Jun,2019 -Rev.1.01
logo
STMicroelectronics
T16XXH-6G STMICROELECTRONICS-T16XXH-6G Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
More results


Similar Description - T16XXXH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
STANDARD TRIACS
Mar-1995
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
STANDARD TRIACS
Oct-1998
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
STANDARD TRIACS
Mar-1995
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
STANDARD TRIACS
Mar-1995
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
STANDARD TRIACS
Mar-1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com