Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085/000390 Datasheet (PDF) - Siemens Semiconductor Group

085/000390 Datasheet PDF - Siemens Semiconductor Group
Part # 085/000390
Download  085/000390 Download
File Size   831.81 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description A dc neutral, tractive armature, line relay

085/000390 Datasheet (PDF)

Go To PDF Page Download Datasheet
085/000390 Datasheet PDF - Siemens Semiconductor Group

Part # 085/000390
Download  085/000390 Click to download

File Size   831.81 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description A dc neutral, tractive armature, line relay

085/000390 Datasheet (HTML) - Siemens Semiconductor Group


085/000390 Product details

Contact Arrangement: Various Refer overleaf
Nominal Rated Voltage: 12V, 24V & 50V dc
Typical Operate Time 150 ms
Typical Release Time 20 ms
Approximate Weight: 1.14kg
Note: Refer to the following data sheets:
•• 7-1-1 for general information and contact
ratings.
•• 7-2-1 for dimensions.
•• 8.2 for tools.
•• 8.3 for plugboard and connector details.
Refer overleaf for specific data.
General data

Designed primarily for use in railway signalling circuits, but can be used in other applications requiring a reliable
safety relay. Typical applications include repeater, control and indication functions. The style QN1 forms the basis
of the ‘Q’ range of relays.
The variations of this relay style are listed overleaf. Where a relay corresponds exactly to a type listed in a BR Spec.,
the Spec. No. is shown in the remarks column.
Description




Similar Part No. - 085/000390

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
085 NIKOSEM-085 Datasheet
137Kb / 8P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Infineon Technologies A...
085 INFINEON-085 Datasheet
311Kb / 18P
Smart Highside High Current Power Switch
2008-Jan-24
logo
ETTINGER GmbH.
085.01.000 ETTINGER-085.01.000 Datasheet
130Kb / 1P
Set cont. 2 screws UNC4-40x3/4" with special label
085.01.002 ETTINGER-085.01.002 Datasheet
72Kb / 1P
Set cont. 2 screws DIN7985Z M3X8 with special label
085.01.435 ETTINGER-085.01.435 Datasheet
72Kb / 1P
Set containing 2 woodscrews and 2 dowels S6
More results


Similar Description - 085/000390

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-837D MACOM-A-837D Datasheet
47Kb / 1P
Armature Relay 15/3 Amps, 28 VDC
logo
Clare, Inc.
M-949-01 CLARE-M-949-01 Datasheet
214Kb / 3P
Line Sense Relay
M-949-11 CLARE-M-949-11 Datasheet
94Kb / 3P
Line Sense Relay
logo
Molex Electronics Ltd.
130135-0240 MOLEX11-130135-0240 Datasheet
48Kb / 1P
Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0241 MOLEX11-130135-0241 Datasheet
48Kb / 1P
Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0243 MOLEX11-130135-0243 Datasheet
48Kb / 1P
Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0244 MOLEX11-130135-0244 Datasheet
48Kb / 1P
Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130138-0058 MOLEX11-130138-0058 Datasheet
36Kb / 1P
Super-Safeway Multiple Outlet Box, Open Neutral Relay
logo
Keysight Technologies
L4421A KEYSIGHT-L4421A Datasheet
816Kb / 9P
40-Channel Armature Multiplexer
E8462A KEYSIGHT-E8462A Datasheet
251Kb / 5P
256-Channel Armature Relay Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com