Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88903AL Datasheet (PDF) - Micrel Semiconductor

SY88903AL Datasheet PDF - Micrel Semiconductor
Part # SY88903AL
Download  SY88903AL Download
File Size   333.57 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal

SY88903AL Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88903AL Datasheet PDF - Micrel Semiconductor

Part # SY88903AL
Download  SY88903AL Click to download

File Size   333.57 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal

SY88903AL Datasheet (HTML) - Micrel Semiconductor


SY88903AL Product details

General Description 

The SY88903AL, burst mode, high-sensitivity limiting post amplifier is designed for use in fiber-optic receivers, specially optimized for passive optical networks (PONs). The device connects to typical transimpedance amplifiers (TIAs). The linear signal output from TIAs can contain significant amounts of noise and may vary in amplitude over time. The SY88903AL quantizes these signals and outputs PECL level waveforms.



Features

• Single 3.3V power supply

• Fast LOS release/assert (<500ns) time for PON applications

• 622Mbps to 1.25Gbps operation

• Low-noise PECL data outputs

• High gain LOS

• Chatter-free Open-Collector TTL signal detect (LOS) output with internal 4.75kΩpull-up resistor

• TTL /EN input

• Programmable LOS level set (LOSLVL)

• Available in a tiny 10-pin MSOP package



Applications

•GPON/GEPON/EPON

• Gigabit Ethernet, 1062Mbps Fibre Channel

•OC-12/24 SONET/SDH

• Low-gain TIA interface

• High-gain line driver and line receiver




Similar Part No. - SY88903AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903KC MICREL-SY88903KC Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903KCTR MICREL-SY88903KCTR Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903KH MICREL-SY88903KH Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88903AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
3.3V, 1.25Gbps PECL Limiting Post
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com