Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88904KH Datasheet (PDF) - Micrel Semiconductor

SY88904KH Datasheet PDF - Micrel Semiconductor
Part # SY88904KH
Download  SY88904KH Download
File Size   72.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description FIBER OPTIC MODULE CONTROLLER WITH APC

SY88904KH Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88904KH Datasheet PDF - Micrel Semiconductor

Part # SY88904KH
Download  SY88904KH Click to download

File Size   72.57 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description FIBER OPTIC MODULE CONTROLLER WITH APC

SY88904KH Datasheet (HTML) - Micrel Semiconductor


SY88904KH Product details

DESCRIPTION
The SY88904 is an integrated controller for the SY88902 Laser Driver and SY88903 Laser Receiver that provides power control and system interface functions for a complete module solution. The SY88904 is designed to provide the laser diode with an independent DC threshold current (IBIAS) source to assure optimum laser diode performance. It has special safety features which disable the currents to the laser diode if certain faults are detected in the module. The SY88904 also provides buffered Loss-of-Signal (LOS) output in open collector level. The device is designed for fast and accurate calibration of the laser diode as well as deriving the control signals for system integration.

FEATURES
■ DC bias current adjustable to 25mA
■ Buffered Loss-of-Signal output when used with SY88903
■ Controlled laser diode turn on
■ Laser diode over-current detect
■ Monitor diode power control circuit
■ Laser diode driver enable
■ Designed for use with SY88902 and SY88903
■ Single power supply
■ Available in 16-pin MSOP

APPLICATIONS
■ Controller for High Speed Optical Data Transmission
■ 1.25Gbps Gigabit Ethernet
■ 531 Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit Interface Converter




Similar Part No. - SY88904KH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88902KC MICREL-SY88902KC Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88902KCTR MICREL-SY88902KCTR Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88904KH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
FIBER OPTIC TRANSMITTING MODULE
TODX270 TOSHIBA-TODX270 Datasheet
174Kb / 9P
FIBER OPTIC TRANSCEIVING MODULE
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
FIBER OPTIC TRANSMITTING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
FIBER OPTIC RECEIVING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
FIBER OPTIC TRANSMITTING MODULE
logo
Molex Electronics Ltd.
0885271102 MOLEX10-0885271102 Datasheet
78Kb / 2P
FC/APC-to-SC/APC, Singlemode, Standard Fiber Optic Cable Assembly
logo
COSMO Electronics Corp...
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
FIBER OPTIC Receiver Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com