Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY2105 Datasheet (PDF) - NXP Semiconductors

CGY2105 Datasheet PDF - NXP Semiconductors
Part # CGY2105
Download  CGY2105 Download
File Size   83.9 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High dynamic range dual LNA MMIC

CGY2105 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY2105 Datasheet PDF - NXP Semiconductors

Part # CGY2105
Download  CGY2105 Click to download

File Size   83.9 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High dynamic range dual LNA MMIC

CGY2105 Datasheet (HTML) - NXP Semiconductors


CGY2105 Product details

GENERAL DESCRIPTION
The CGY2105 is a dual Gallium Arsenide (GaAs) MMIC amplifier designed for use in very low noise figure applications, where high linearity is also required.
Excellent tracking between the two amplifiers is obtained. Gain and noise figure variations with temperature are very small.
The device is suitable for use in DCS1800 and PCS1900 base station applications.
It also provides high gain and very low noise performance at frequencies between 1.0 and 2.5 GHz, as used in Wireless Local Area Network (WLAN) applications.
A rematching of the application board might be necessary for optimum performance.

FEATURES
• Dual Low Noise Amplifier (LNA) Monolithic Microwave Integrated Circuit (MMIC)
• Typical noise figure of 0.55 dB
• Typical gain of 16.3 dB at 1810 MHz
• Input IP3 of 13.5 dBm at 1810 MHz
• Low current of 58 mA at 2.5 V for each channel
• Low cost SSOP16 plastic package.

APPLICATIONS
• DCS1800
• PCS1900.




Similar Part No. - CGY2105

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
More results


Similar Description - CGY2105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
logo
List of Unclassifed Man...
MH101 ETC-MH101 Datasheet
154Kb / 3P
High Dynamic Range MMIC Mixer
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
logo
List of Unclassifed Man...
MH102 ETC-MH102 Datasheet
162Kb / 4P
High Dynamic Range MMIC Mixer
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
High Dynamic Range LNA
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
High Dynamic Range LNA 1700-2400 MHz
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com