Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1M5F-A Datasheet (PDF) - Lite-On Technology Corporation

T1M5F-A Datasheet PDF - Lite-On Technology Corporation
Part # T1M5F-A
Download  T1M5F-A Download
File Size   754.0 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Sensitive Gate Triacs Sillicon Bidirectional Thyristors

T1M5F-A Datasheet (PDF)

Go To PDF Page Download Datasheet
T1M5F-A Datasheet PDF - Lite-On Technology Corporation

Part # T1M5F-A
Download  T1M5F-A Click to download

File Size   754.0 Kbytes
Page   4 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Sensitive Gate Triacs Sillicon Bidirectional Thyristors

T1M5F-A Datasheet (HTML) - Lite-On Technology Corporation


T1M5F-A Product details

FEATURES
One-Piece, Injection-Molded Package
Blocking Voltage to 600 Volts
Sensitive Gate Triggering in Four Trigger Modes
(Quadrants) for all possible Combinations of Trigger
Sources, and especially for Circuits that Source Gate
Drives
All Diffused and Glassivated Junctions for Maximum
Uniformity of Parameters and Reliability
Improved Noise Immunity (dv/dt Minimum of 20 V/msec
at 110℃)
Commutating di/dt of 1.6 Amps/msec at 110℃
High Surge Current of 12 Amps
Pb-Free Package




Similar Part No. - T1M5F-A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
T1M SAMTEC-T1M Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SH-L-K-FR SAMTEC-T1M-02-F-SH-L-K-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SH-L-P-FR SAMTEC-T1M-02-F-SH-L-P-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SV-L-K-FR SAMTEC-T1M-02-F-SV-L-K-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SV-L-P-FR SAMTEC-T1M-02-F-SV-L-P-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
More results


Similar Description - T1M5F-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
logo
Lite-On Technology Corp...
97A8 LITEON-97A8 Datasheet
154Kb / 5P
Sensitive Gate Triacs Sillicon Bidirectional Thyristors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com