Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY887B Datasheet (PDF) - NXP Semiconductors

CGY887B Datasheet PDF - NXP Semiconductors
Part # CGY887B
Download  CGY887B Download
File Size   50.49 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 860 MHz, 27.8 dB gain push-pull amplifier

CGY887B Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY887B Datasheet PDF - NXP Semiconductors

Part # CGY887B
Download  CGY887B Click to download

File Size   50.49 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 860 MHz, 27.8 dB gain push-pull amplifier

CGY887B Datasheet (HTML) - NXP Semiconductors


CGY887B Product details

DESCRIPTION
Hybrid dynamic range amplifier module in a SOT115J package operating at a voltage supply of 24 V (DC), employing both GaAs and Si dies.

FEATURES
• Excellent linearity
• High gain
• Extremely low noise
• Excellent return loss properties
• Rugged construction
• Gold metallization ensures excellent reliability.

APPLICATIONS
• CATV systems operating in the 40 to 870 MHz frequency range.




Similar Part No. - CGY887B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887B NXP-CGY887B Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
860 MHz, 27.8 dB gain push-pull amplifier
More results


Similar Description - CGY887B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
logo
Quanzhou Jinmei Electro...
BGE885_2015 JMNIC-BGE885_2015 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
BGY887_2015 JMNIC-BGY887_2015 Datasheet
65Kb / 12P
860 MHz, 21.5 dB gain push-pull amplifier
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
860 MHz, 27.8 dB gain push-pull amplifier
BGE885 JMNIC-BGE885_15 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
BGY883 JMNIC-BGY883_15 Datasheet
55Kb / 8P
860 MHz, 15 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
860 MHz, 21.5 dB gain push-pull amplifier
BGY888 JMNIC-BGY888_15 Datasheet
65Kb / 12P
860 MHz, 34 dB gain push-pull amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com